Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH33 Datasheet(PDF) 13 Page - Hirose Electric

Part # FH33
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33 Datasheet(HTML) 13 Page - Hirose Electric

Back Button FH33 Datasheet HTML 8Page - Hirose Electric FH33 Datasheet HTML 9Page - Hirose Electric FH33 Datasheet HTML 10Page - Hirose Electric FH33 Datasheet HTML 11Page - Hirose Electric FH33 Datasheet HTML 12Page - Hirose Electric FH33 Datasheet HTML 13Page - Hirose Electric FH33 Datasheet HTML 14Page - Hirose Electric FH33 Datasheet HTML 15Page - Hirose Electric FH33 Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FH33 Series
●0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Actuator
FPC
Precautions
When operating the actuator, do so at the
center portion.
4
As illustrated, do not attempt removal or re-
positioning of the actuator.
5
S
FPC Insertionq
The FPC should be aligned parallel with the board surface and perpendicular with the connector (as
shown), then completely inserted.
To assure correct electrical and mechanical connection do not insert FPC at angle. It must be fully
inserted.
Make sure that the FPC is NOT MOVED during the closing of the actuator.
Perpendicular with
the connector
S
FPC Insertionw
When inserting the FPC, do not forcefully rub against the bottom surface of the connector insertion
entrance. Doing so will result in the contacts and FPC making strong contact and may cause
deformation of the contacts, peeling of the FPC conductor, and other problems.
Peeling of FPC
conductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com