Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH33 Datasheet(PDF) 14 Page - Hirose Electric

Part # FH33
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33 Datasheet(HTML) 14 Page - Hirose Electric

Back Button FH33 Datasheet HTML 8Page - Hirose Electric FH33 Datasheet HTML 9Page - Hirose Electric FH33 Datasheet HTML 10Page - Hirose Electric FH33 Datasheet HTML 11Page - Hirose Electric FH33 Datasheet HTML 12Page - Hirose Electric FH33 Datasheet HTML 13Page - Hirose Electric FH33 Datasheet HTML 14Page - Hirose Electric FH33 Datasheet HTML 15Page - Hirose Electric FH33 Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Precautions
120°
Other Precautions
S
Hand Soldering Precautions
When hand soldering:
Do not perform reflow or hand soldering with the FPC inserted in the connector.
Do not apply excessive heat or touch the soldering iron anywhere other than the connector leads.
Do not use excessive amount of solder or flux compounds.
Operation of the actuator and contacts may be affected by excessive amounts of solder or flux
compounds.
1
2
3
Removing the FPC
Rotate the actuator to the open position (maximum open angle of 120°). Carefully withdraw the FPC.
Routing the FPC (FPC fully inserted/ actuator closed)
S
FPC Load
Do not apply force in excess of 0.15N max. in the upward direction (as illustrated). Do not bend the
FPC too close to the actuator.
Load: 0.15N max.
S
Verification of the fully closed actuator.
The actuator should be fully closed (as illustrated) and the FPC held firmly in the connector.
Do not press against the actuator when is fully closed. Max force applied to the fully closed actuator
should not exceed 1 N.
FH33 Series
●0.4mm,0.5 mm,1mm Pitch, 1.2 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com