Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH33 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH33
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33 Datasheet(HTML) 2 Page - Hirose Electric

  FH33 Datasheet HTML 1Page - Hirose Electric FH33 Datasheet HTML 2Page - Hirose Electric FH33 Datasheet HTML 3Page - Hirose Electric FH33 Datasheet HTML 4Page - Hirose Electric FH33 Datasheet HTML 5Page - Hirose Electric FH33 Datasheet HTML 6Page - Hirose Electric FH33 Datasheet HTML 7Page - Hirose Electric FH33 Datasheet HTML 8Page - Hirose Electric FH33 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
-----
-----
Temperature : -55ç/+15ç to +35ç/+85ç/+15ç to +35ç
Time
: 30 / 2 to 3 / 30 / 2 to 3 (Minutes)
5 cycles
Reflow
: At the recommended temperature profile
Manual soldering: 350ç ± 10ç for 5 seconds
1 mA
20 cycles
500 Mø min.
No flashover or insulation breakdown.
100 V DC
150 V AC /one minute, 120 V AC /one minute(0.4mm pitch type)
50 mø max.
100 mø max(0.4mm pitch type).
* Including FPC conductor resistance
Contact resistance: 50 mø max.
100 mø max(0.4mm pitch type).
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1μs or more.
Contact resistance: 50 mø max.
100 mø max(0.4mm pitch type).
No damage, cracks, or parts dislocation.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 10 cycles
in each of the 3 directions.
Acceleration of 981 m/s2, 6 ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axis
Contact resistance: 50 mø max.
100 mø max(0.4mm pitch type).
Insulation resistance: 50 Mø min.
No damage, cracks, or parts dislocation.
96 hours at 40ç and humidity of 90% to 95%.
No deformation of components affecting performance.
■Materials
■Ordering information
FH 33 M H J - 12 (6) S B - 1 SH (10)
Series name:FH
Series No:33
Blank:0.5mm pitch,1mm pitch
M:0.4mm pitch
1
2
Material
LCP
PPS
LCP
PA
LCP
PPS
Phosphor bronze
PA
Color:Beige
Color:Deep brown
Color:Beige
Color:Black
Color:Beige
Color:Deep brown
Color:Beige
Color:Black
Gold flash plated
Pure tin reflow plated
UL94V-0
Finish
Remarks
Insulator
FH33 series
FH33J series
FH33M series
FH33MHJ series
Contacts
Metalfittings
Part
■Product Specifications
Ratings
Current rating
0.5 A
(0.4mm pitch type 0.4A)
Voltage rating
50 V AC
(0.4mm pitch type 40V AC)
Operating temperature range -55 ç to +85ç (Note 1)
Operating humidity range
Relative humidity 90% max.
(No condensation)
Storage temperature range -10ç to +50ç (Note 2)
Storage humidity range
Relative humidity 90% max. (No
condensation)
Recommended FPC
Thickness = 0.3 ± 0.05mm gold plated (under 30 pos.), 0.3 ± 0.03mm gold plated (over 31 pos.)
4. Durability
(insertion/ withdrawal)
5. Vibration
6. Shock
7. Humidity
(Steady state)
8. Temperature cycle
9. Resistance to
soldering heat
3. Contact resistance
1. Insulation resistance
2. Withstanding voltage
Item
Specification
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term ”storage” refers to products stored for long period of time prior to mounting and use. Operating
Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage,
shipment or during transportation.
FH33 Series
●0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
10
11
12
1
3
4
2
5
6
7
8
9
3
Blank:Standard
J:Halogen-free
Flame retardance UL94V-0
Standard type:Number of contacts
Eccentric type:Number of contacts
in 1mm housing
5
Blank:Width 3.0mm(standard)
H:Width 3.5mm(long actuator type)
4
6
Contact alignment:S: single
Eccentric direction:
Blank:standard type
B:Eccentric type
8
Standard type:Blank
Eccentric type:Number of
contacts
9
Plating specifications:
Blank:Gold plated
(10)...Gold plating with nickel
barrier 5,000pieces/reel
(99)...Gold plating with nickel
barrier 500pieces/reel
Contact pitch:
0.4mm,0.5mm,1mm
SH:SMT horizontal mounting
12
10
11
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com