Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH33 Datasheet(PDF) 12 Page - Hirose Electric

Part # FH33
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33 Datasheet(HTML) 12 Page - Hirose Electric

Back Button FH33 Datasheet HTML 8Page - Hirose Electric FH33 Datasheet HTML 9Page - Hirose Electric FH33 Datasheet HTML 10Page - Hirose Electric FH33 Datasheet HTML 11Page - Hirose Electric FH33 Datasheet HTML 12Page - Hirose Electric FH33 Datasheet HTML 13Page - Hirose Electric FH33 Datasheet HTML 14Page - Hirose Electric FH33 Datasheet HTML 15Page - Hirose Electric FH33 Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
FH33 Series
●0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Axis of rotation
(120˚)
Damege to the contacts
Damage to the contacts
Precautions
Exercise care when handling connectors. Follow recommendations given
below.
PC board flexing
S
PC board connector mounting area
The connectors are straight within 0.1 mm max.
Make sure that the PC board connector mounting area flatness can accept the connector terminals
without causing any failure of the solder joints.
S
Handling before mounting on PCB
Insertion of the FPC or operation of the actuator prior to mounting on the PCB is NOT
RECOMMENDED.
S
PC Board handling
Exercise caution when handling boards with the connectors installed. Do not apply any forces
affecting soldered joints.
Precautions When Inserting or Removing FPC
Pay attention to the following points when inserting FPC.
S
Actuator operation
Do not apply excessive force when opening the actuator prior to FPC insertion. When opening
make sure that the force is applied only to the actuator itself, avoiding touching of the contacts.
Connector
PCB
Assure free rotation of
the actuator
1
Axis of rotation
2
The actuator will rotate 120 degrees
maximum. Do not force it to rotate further.
3
120°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com