Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH33 Datasheet(PDF) 1 Page - Hirose Electric

Part # FH33
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33 Datasheet(HTML) 1 Page - Hirose Electric

  FH33 Datasheet HTML 1Page - Hirose Electric FH33 Datasheet HTML 2Page - Hirose Electric FH33 Datasheet HTML 3Page - Hirose Electric FH33 Datasheet HTML 4Page - Hirose Electric FH33 Datasheet HTML 5Page - Hirose Electric FH33 Datasheet HTML 6Page - Hirose Electric FH33 Datasheet HTML 7Page - Hirose Electric FH33 Datasheet HTML 8Page - Hirose Electric FH33 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2013.11w
17mm
■Features
1. Low-profile, small PCB mounting area
Narrow width of only 2.5 mm reduced the board
footprint by approximately 17% to 57%, as compared to
several similar FH Series HRS connectors.
2. Various contact pitch (0.4mm, 0.5mm, 1mm
pitch) available
In addition to standard 0.5mm pitch, 0.4mm pitch, 1mm
pitch also available.
3. Increased FPC/FFC retention force
_ In the horizontal direction: Approximately 2.0 times
(compared to 0.5mm pitch FH12 series.)
_ In the vertical direction: Approximately 1.7 times
(compared to 0.5mm pitch FH19 series.)
4. Conductive traces on the PCB can run
under the connector
No exposed contacts on the bottom of the connector.
5. One finger operation of the actuator
Proven (in several other Hirose’s connectors) Flip-
Lock® rotating actuator assures reliable mechanical
and electrical connection with FPC/FFC, confirming it
with a definite tactile feel.
6. Easy FPC insertion and reliable electrical
connection
Proven Flip Lock actuator allows easy insertion of
FPC/FFC and provides a tactile sensation when fully
closed, confirming complete electrical and mechanical
connection.
7. Accepts standard FPC thickness
0.3mm thick standard Flexible Printed Circuit (FPC) and
Flexible Flat Cable (FFC) can be used.
8. Board
placement
with
automatic
equipment
Flat upper surface and tape and reel packaging
facilitate vacuum pick-up and placement.
Standard reel packaging contains 5000 connectors.
9. Halogen-free*
(FH33J Series)
*As defined by IEC61249-2-21
Br-900ppm maximum, Cl-900ppm maximum,
Cl + Br combined-1,500ppm maximum
●Small size
[ 30 pos. ]
Metal fittings (Leadless)
●Can be mounted over conductive traces.
No exposed contacts on the bottom of the
connector
●Simple operation
●Locked condition
2.5mm
FPC
Actuator
Actuator
FPC
1
2
3
3
4
0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 Series
q Open the actuator
w Insert FPC
e Close the actuator
r FPC connected
Increased FPC retention force


Similar Part No. - FH33

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH33-10S-0.5SH HIROSE-FH33-10S-0.5SH Datasheet
390Kb / 16P
0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33-12S-0.5SH HIROSE-FH33-12S-0.5SH Datasheet
390Kb / 16P
0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33-14S-0.5SH HIROSE-FH33-14S-0.5SH Datasheet
390Kb / 16P
0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33-19S-0.5SH HIROSE-FH33-19S-0.5SH Datasheet
390Kb / 16P
0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33-20S-0.5SH HIROSE-FH33-20S-0.5SH Datasheet
390Kb / 16P
0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH33

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com