Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH33 Datasheet(PDF) 10 Page - Hirose Electric

Part # FH33
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33 Datasheet(HTML) 10 Page - Hirose Electric

Back Button FH33 Datasheet HTML 6Page - Hirose Electric FH33 Datasheet HTML 7Page - Hirose Electric FH33 Datasheet HTML 8Page - Hirose Electric FH33 Datasheet HTML 9Page - Hirose Electric FH33 Datasheet HTML 10Page - Hirose Electric FH33 Datasheet HTML 11Page - Hirose Electric FH33 Datasheet HTML 12Page - Hirose Electric FH33 Datasheet HTML 13Page - Hirose Electric FH33 Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FH33 Series
●0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
■Recommended Temperature Profile
●Using Lead-free Solder paste
MAX 250ç
Start
(ç)
Time (Seconds)
25ç
(60 sec.)
(60 sec.)
90 to 120 sec.
Preheating
Sodering
0
50
100
150
150ç
200ç
230ç
200
250
HRS test conditions
Solder method : Reflow, IR/hot air
Environment
: Room air
Solder composition : Paste, 96.5%Sn/3.0%Ag/0.5%Cu
(Senju Metal Industry, Co., Ltd.’s Part Number: M705-
221CM5-32-10.5)
Test board
: Glass epoxy 25mm∞50mm∞0.8mm thick
Land dimensions : Contacts lead 0.3mm∞0.65mm
Metal fittings 0.55mm∞0.8mm
Metal mask
: Contacts lead 0.25mm∞0.65mm∞0.1mm
thick
Metal fittings 0.55mm∞0.8mm∞0.1mm
thick
This temperature profile is based on the above conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume/thickness and
board
size/thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com