Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 101 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 97Page - NXP Semiconductors MMPF0100Z Datasheet HTML 98Page - NXP Semiconductors MMPF0100Z Datasheet HTML 99Page - NXP Semiconductors MMPF0100Z Datasheet HTML 100Page - NXP Semiconductors MMPF0100Z Datasheet HTML 101Page - NXP Semiconductors MMPF0100Z Datasheet HTML 102Page - NXP Semiconductors MMPF0100Z Datasheet HTML 103Page - NXP Semiconductors MMPF0100Z Datasheet HTML 104Page - NXP Semiconductors MMPF0100Z Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 128 page
background image
NXP Semiconductors
101
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.5.5
Specific registers
6.5.5.1
IC and version identification
The IC and other version details can be read via identification bits. These are hard-wired on chip and described in Tables 128 to 130.
6.5.5.2
Embedded memory
There are four register banks of general purpose embedded memory to store critical data. The data written to MEMA[7:0], MEMB[7:0],
MEMC[7:0], and MEMD[7:0] is maintained by the coin cell when the main battery is deeply discharged, removed, or contact-bounced. The
contents of the embedded memory are reset by COINPORB. The banks can be used for any system need for bit retention with coin cell
backup.
Table 128. Register DEVICEID - ADDR 0x00
Name
Bit #
R/W
Default
Description
DEVICEID
3:0
R
0x00
Die version.
0000 = PF0100
UNUSED
7:4
–
0x01
Unused
Table 129. Register SILICON REV- ADDR 0x03
Name
Bit #
R/W
Default
Description
METAL_LAYER_REV
3:0
R
0x00
Represents the metal mask revision
Pass 0.0 = 0000
.
.
Pass 0.15 = 1111
FULL_LAYER_REV
7:4
R
0x01
Represents the full mask revision
Pass 1.0 = 0001
.
.
Pass 15.0 = 1111
Table 130. Register FABID - ADDR 0x04
Name
Bit #
R/W
Default
Description
FIN
1:0
R
0x00
Allows for characterizing different options within
the same reticule
FAB
3:2
R
0x00
Represents the wafer manufacturing facility
Unused
7:0
R
0x00
unused
Table 131. Register MEMA ADDR 0x1C
Name
Bit #
R/W
Default
Description
MEMA
7:0
R/W
0
Memory bank A
Table 132. Register MEMB ADDR 0x1D
Name
Bit #
R/W
Default
Description
MEMB
7:0
R/W
0
Memory bank B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com