Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 102 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 98Page - NXP Semiconductors MMPF0100Z Datasheet HTML 99Page - NXP Semiconductors MMPF0100Z Datasheet HTML 100Page - NXP Semiconductors MMPF0100Z Datasheet HTML 101Page - NXP Semiconductors MMPF0100Z Datasheet HTML 102Page - NXP Semiconductors MMPF0100Z Datasheet HTML 103Page - NXP Semiconductors MMPF0100Z Datasheet HTML 104Page - NXP Semiconductors MMPF0100Z Datasheet HTML 105Page - NXP Semiconductors MMPF0100Z Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 128 page
background image
102
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.5.6
Register Bitmap
The register map is comprised of thirty-two pages, and its address and data fields are each eight bits wide. Only the first two pages can
be accessed. On each page, registers 0 to 0x7F are referred to as 'functional', and registers 0x80 to 0xFF as 'extended'. On each page,
the functional registers are the same, but the extended registers are different. To access registers in Table 136. Extended page 1, page
106, one must first write 0x01 to the page register at address 0x7F, and to access registers Table 137. Extended page 2, page 110, one
must first write 0x02 to the page register at address 0x7F. To access the Table 135. Functional page, page 103 from one of the extended
pages, no write to the page register is necessary.
Registers missing in the sequence are reserved; reading from them returns a value 0x00, and writing to them has no effect. The contents
of all registers are given in the tables defined in this chapter; each table is structure as follows:
Name: Name of the bit.
Bit #: The bit location in the register (7-0)
R/W: Read / Write access and control
• R is read-only access
• R/W is read and write access
• RW1C is read and write access with write 1 to clear
Reset: Reset signals are color coded based on the following legend.
Default: The value after reset, as noted in the default column of the memory map.
• Fixed defaults are explicitly declared as 0 or 1.
• “X” corresponds to Read / Write bits initialized at start-up, based on the OTP fuse settings or default if VDDOTP = 1.5 V. Bits are
subsequently I2C modifiable, when their reset has been released. “X” may also refer to bits which may have other dependencies.
For example, some bits may depend on the version of the IC, or a value from an analog block, for instance the sense bits for the
interrupts.
Table 133. Register MEMC ADDR 0x1E
Name
Bit #
R/W
Default
Description
MEMC
7:0
R/W
0
Memory bank C
Table 134. Register MEMD ADDR 0x1F
Name
Bit #
R/W
Default
Description
MEMD
7:0
R/W
0
Memory bank D
Bits reset by SC and VCOREDIG_PORB
Bits reset by PWRON or loaded default or OTP configuration
Bits reset by DIGRESETB
Bits reset by PORB or RESETBMCU
Bits reset by VCOREDIG_PORB
Bits reset by POR or OFFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com