Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC04-DB-FastLoader Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  PTC04-DB-FastLoader Datasheet HTML 1Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 2Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 3Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 4Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 5Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 6Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 4 of 15
Data Sheet
Rev 004
December/14
8.
Glossary of Terms
PTC04
The programmer (including the applicable DB)
DB
Daughter board
PTC
PPS
MPT
PSF
DLL
Program Through Connector
Programmable Power Supply
Melexis Programmable Toolbox
Product specific function library (DLL)
Dynamic-link library
9.
Absolute Maximum Ratings
Parameter
Value
Units
Supply Voltage (External input)
VS EXT
48
V
Reverse Voltage Protection
Yes
Supply Current
IS Fused
1
A
PPS 1,2,3 Output voltage
VPPS
34
V
PPS 1,2,3Output Current (peak value)
IPPS
500
mA
PPS 4 Output Current (peak value)
IPPS
50
mA
Operating Temperature Range
TA
25
°C
Operating Temperature Range
TS
0
C – 55
°C
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum
rated conditions for extended periods may affect device reliability.
10.
PTC04 Electrical Specifications
10.1 System Power Supply
DC Operating Parameters TA = 25-35
oC, V ext = 48V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC System Power Supply
Vext_in
23
48
48.2
V
System Current Consumption
IExt_in
0.1
1.2
A
Daughter Board Analog Power Supply *
36
V
500
mA
Daughter Board Digital Power Supply
5
V
500
mA
Table 2: General electrical parameters
*Depends on DC System Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com