Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC04-DB-FastLoader Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button PTC04-DB-FastLoader Datasheet HTML 6Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 10Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 11Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 12Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 13Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 10 of 15
Data Sheet
Rev 004
December/14
14.9.1
Digital DB Connector (40 Pins)
Mainly, the digital connector is meant to expand the programmer for extra needs. Address lines A0-A7
together with the Map Select Lines F8-FF allows the user direct access to an area of 2 K. Example would
be adding a simple addressed I/O register by using the selection lines. If more complexity is needed, a full
FPGA can be mounted on the DB board.
Pins
Names
Description
1
– 8
A0
– A7
Address lines
9
– 16
D0
– D7
Data Lines active during Rd or Wr signals
17
Rd
Read : A negative pulse will indicate a sampling of the data on the Data Bus
18
Wr
Write : A Negative pulse will indicate when data is available on the Data Bus
20
Reset
This signal goes low by powering the PTC or by pressing the reset button.
This line can be pulled low by application.
Check firmware documentation for resetting by software.
21-22
SCL / SDA
I2c Bus
23-30
F8,F9,…,FF
CS lines when the address areas are accessed
31-38
Port E
Note: These pins are limited to 5 Volt input\output.
The full Port E of the Atmega core is mounted to these pins. This allows us to use advanced
features like PWM, UARTS, Time Measurements, etc.
By using firmware that supports these functions, really nice application specific requirements can be
fulfilled.
39
DGND
Digital Ground
40
+5V Digital
5 Volt Digital Supply. Maximum current to get out of this supply : ….mA
Table 7: Digital daughter board connector
Note: All the pins are limited to 5 Volt input\output. However, there are protections, please take precautions in order to avoid damage
to the main board.
14.9.2
Analog DB Connector (48 Pins)
Mainly, the analog connector provides all the analog signals and measure possibilities.
Pins
Names
Description
28,32,36
PPS 1-3
Output of the Programmable Supplies
40
PPS 4
Output of the Fast DAC Programmable Power Supply
27,31,35,39
Isense_PP1-4
Outputs (Driver outputs before Rsens) for current evaluations.
These outputs could be used to connect to the analog comparators in order to create fast
digital signals based on current.
2,4,6,8
ExtMeas1-4Pos
There are 4 differential inputs for making measurements
10,12,14,16
ExtMeas1_4Neg
The negative inputs of ExtMeas1-4Pos
17,19,21,23
Shtd_PPS1-4
Outputs that show the status of the Drivers.
Signals are meant to connect LED’s for the front panel
43,44,47,48
AnaComp0-3
See *Note.
Input (limited to 5V)
Fast Level comparators in order to remove time consuming measurement
18
+35V_Supply
Supply to extend the daughter board with some extra drivers
20
NC
Not Connected
24
+2.5V Ref
Output of internal reference
All other
AGND
Analog Ground
Table 8: Analog daughter board connector
Note: All the pins are limited to 35 Volt input\output! However, there are protections, please take precautions in order to avoid
damage of the main board.
* Note: Some pins are protected and limited to 5 Volt! However, there are protections, please take precautions in order to avoid
damage of the main board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com