Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC04-DB-FastLoader Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button PTC04-DB-FastLoader Datasheet HTML 5Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 6Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 10Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 11Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 12Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 9 of 15
Data Sheet
Rev 004
December/14
14.6 USB Connector
One of the communication possibilities with the host PC is the USB link.
See chapter “USB communication with host” for more details
14.7 RS 232 Connector
One of the communication possibilities with the host PC is the serial Communication.
See
chapter “RS communication with host” for more details
14.8 Reset button
This button is connected to all reset lines in the main board as well as on the daughterboard. This button
allows the user to reset the whole programmer after crashing software and when connected also to the
application device under test.
14.9 Daughter board Connectors
The main board has two connectors to the interface with the application. The PTC allows the addition of a
full PCB in between the main board and the interface. This daughter board can be mounted on the two
connectors. In some exceptional cases, a daughter board contains only a few wires from the Analog
connector to the application connector.
The connectors are described below.
A5
SHTD_PPS2
SHTD_PPS1
FC
+2.5V_REF_SUPPLY
Meas_Line_N3
F8
Rd
ANA.COMP0
D1
Meas_Line_N4
Reset
ANA.COMP1
A4
Meas_Line_P2
A1
AGND
PE5
AGND
SHTD_PPS4
VOUT_PPS1
Meas_Line_P1
VOUT_PPS4
PE0
Meas_Line_P3
FE
ISENSE_PPS2
ISENSE_PPS4
D2
Meas_Line_N2
Analog DB Connector
48 pin Header
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
35
37
36
38
39
40
41
42
43
44
45
46
47
48
D7
ISENSE_PPS3
D0
FF
D3
Digital DB Connector
40 Pin Header
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
VOUT_PPS2
FB
A3
FA
F9
Wr
PE1
PE7
SDA
ANA.COMP2
Meas_Line_P4
PE6
PE2
A2
PE3
ANA.COMP3
ISENSE_PPS1
FD
SHTD_PPS3
A7
D5
DGND
A6
SCL
Meas_Line_N1
D6
VOUT_PPS3
+36V_SUPPLY
+5V_Digital_Supply
D4
A0
PE4
Figure 14-5: Daughter Board Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com