Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC04-DB-FastLoader Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 10Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 11Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 12Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 13Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 14Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 15Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 13 of 15
Data Sheet
Rev 004
December/14
18.
Measurement system
The measurement system on the main board contains mainly a high accurate 16 bit ADC and two 16 to 1
channels MUX. Basically, the ADC always measures differential between inputs.
For the internal voltage channels, the negative input is the internal analog ground.
For the current measurements that use a sense resistor (PPS1-4) are clearly measuring over the sense
resistor.
There are also 4 full differential lines going to the daughter board allowing the user to make high quality
measurements by selecting the reference by the application itself. This way of working easily supports the
use of force and sense lines.
18.1 Channels
Nr.
Pos Input
Neg Input
Description
0
Vout PPS1
Internal AGND
Output Voltage PPS1
1
V driver PPS1
Vout PPS1
Output Current PPS1
2
Vout PPS2
Internal AGND
Output Voltage PPS2
3
V driver PPS2
Vout PPS2
Output Current PPS2
4
Vout PPS3
Internal AGND
Output Voltage PPS3
5
V driver PPS3
Vout PPS3
Output Current PPS3
6
Vout PPS4
Internal AGND
Output Voltage PPS4
7
V driver PPS4
Vout PPS4
Output Current PPS4
8
Supply Driver: +35/2
Internal AGND
Driver Supply divide by 2
9
Supply Analog : +5 V
Internal AGND
Analog 5V Supply
10
Supply Digital : +5 V
Internal AGND
Digital 5V Supply
11
Reference : +2.5V
Internal AGND
Reference Voltage for DAC\ADC
12
DB_Ana_conn Pin 2
DB_Ana_conn Pin 10
Daughterboard Meas. Channel 1
13
DB_Ana_conn Pin 4
DB_Ana_conn Pin 12
Daughterboard Meas. Channel 2
14
DB_Ana_conn Pin 6
DB_Ana_conn Pin 14
Daughterboard Meas. Channel 3
15
DB_Ana_conn Pin 8
DB_Ana_conn Pin 16
Daughterboard Meas. Channel 4
Table 13: ADC measurement channels
18.2 Conversion time
In general the conversion time depends on the loaded firmware version. Theoretically, a full conversion to
a floating real value takes about 4ms if the filter is put at 100 samples.
18.3 Accuracy
To preserve the accuracy of the PTC04, Melexis recommends checking the tolerance of the PTC04 once
a year.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com