Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC04-DB-FastLoader Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 10Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 11Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 12Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 13Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 14Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 15Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 11 of 15
Data Sheet
Rev 004
December/14
15.
Daughter board concept
15.1 Background
The future of our products is not known and building a universal programmer will not be possible to
survive more than a few years. For this reason, a flexibility is built in by having a Daughter board
(abbreviation: DB) as interface between PTC04 and the application connector. On this way, special needs
can be fulfilled. The simplest DB is just wires form the DB connectors to the application connector. The
idea is to support with one single DB as many as possible products.
15.2 Requirements
See specific daughter board documentation.
16.
RS 232 Communication with host
This page describes all items concerning the hardware of the RS232C communication link.
Information about the protocol is explained in the software documentation.
16.1 Connector
DB9-Male
Description
2
RxD
3
TxD
5
GND
Table 9: RS232 connection
(At the Computer and at the PTC04)
9 PIN D-SUB MALE at the Computer.
16.2 Cable
The cable between PTC and Host PC is a standard null-modem cable for RS232C Cable Description:
DB9-FEM
DB9 FEM
Description
2
3
RxD / TxD
3
2
TxD / RxD
5
5
GND
Table 10: RS232 cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com