Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC04-DB-FastLoader Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  PTC04-DB-FastLoader Datasheet HTML 1Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 2Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 3Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 4Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 5Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 6Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 5 of 15
Data Sheet
Rev 004
December/14
10.2 Programmable High Current Power Supply 1-3
DC Operating Parameters TA = 25-35
oC, V ext = 48V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output voltage range *
VPPS 1-3
Unloaded
0.62
34.00
V
Output resolution
0.52
mV
Output Current (peak value)
IPPS 1-3
-500
500
mA
Current Limit range
I limPPS 1-3
-500
500
mA
Settling time
Unloaded
10
20
uS
Voltage Source Swing
PPS1-PPS3
Vout
I out = 10mA
0.035
34
V
I out = 100mA
0.2
32.5
V
I out = 500mA
1.15
26
V
I out = -10mA
1.14
34
V
I out = -100mA
2.3
30
V
I out = -500mA
9.46
30
V
Voltage Source Accuracy
PPS1-3, I out = 10mA
-1
-1.05
+1
+1.05
%
mV
Voltage Source Slew Rate
PPS1-3, C load = 100nF
PPS1-3, C load = 1uF
Between 20 & 80%
2.5
0.5
V/uS
Table 3: Programmable High Current Power Supply 1-3
*Depends on the DC System Power Supply
10.3 Programmable Fast Power Supply
DC Operating Parameters TA = 25-35
oC, V ext = 48V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output voltage range
VPPS 4
When Fast DAC = 255
0.37
13
V
Output resolution
0.2
mV
Output Current (peak value)
IPPS 4
-20
20
mA
Fast DAC resolution
Divider between Pos and Neg voltage
8
bits
Settling time
This is taken by changing the Fast DAC only
0.5
5
uS
Voltage Source Swing PPS4
Vout
I out = 10mA
I out = 50mA
1
0.5
13
10
V
Voltage Source Accuracy
PPS4, I out = 10mA
-1
-0.8
+1
+0.8
%
mV
Voltage Source Slew Rate
Using 8 bit Fast DAC
PPS4, C load = 100nF
PPS4, C load = 1uF
Between 20 & 80%
0.25
0.08
V/uS
Table 4: Programmable Fast Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com