Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC04-DB-FastLoader Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button PTC04-DB-FastLoader Datasheet HTML 3Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 4Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 5Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 6Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 10Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 7 of 15
Data Sheet
Rev 004
December/14
13.3 Acquisition memory
An advance library on the Analogue vector generators, allows use of the vector area in combination with
Measurement and setting levels. Through this method one may use the PTC04 as a slow Data acquisition
card.
13.4 Port E Atmega128
The port E of the Atmega128 core is connected fully to the Daughter board.
With this port, items like critical timing generation measurements can be performed. Also, all types of
UARTS can be configured. Other capabilities are possible with the PTC04.
For more details, refer to the Atmega128 datasheet.
14.
Main Board Description
14.1 Board Layout
Figure 14-1
As shown in Figure 2, The Main board can be divided in 4 major areas.
 The Supplies where all required voltage and current levels are created
 The digital Core that processes all requests from the host computer
 A Driver Area where the Programmable Power supplies are located
 A Measurement area where the ADC and the input MUX are located
Beside these four areas, there are the input connector on the main board and the two connectors to the
daughter board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com