Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC04-DB-FastLoader Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button PTC04-DB-FastLoader Datasheet HTML 4Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 5Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 6Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 10Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 11Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 8 of 15
Data Sheet
Rev 004
December/14
14.2 Power Supplies
The Power Supply input connector is a single input to supply the whole PTC. The Input supply requires a
minimum of 24 volts and can tolerate a maximum of 48 volts. It is not recommended to use a higher
voltage than needed for the application.
There’s an internal fuse (on the main board) of 1 A in order to
avoid damage when improperly used. The connected supply should provide a minimum current of 1.5 A
with peak capacity to source 10A.
The external Supply is the source to create all the internal requirements. Internal voltages are created on
the main board by using the input voltage from the external supply.
 +35V for drivers
(for the drivers or Programmable Power Supplies)
 +5V Digital
(Digital core as interface between PTC and Host application)
 +5V Analog
(measurement circuit with MUX and ADC)
 +3.3 V Digital
(Supply for the FPGA and USB)
14.3 Power Supply System Check
When something goes wrong it’s useful to check the status of all the above mentioned supplies.
The main board has the capability to measure all internal supplies. The only requirement is that the +5V
Digital supply is available. This is indicated by the red led on the rear panel of the programmer.
All the other supply could be checked by the Measurement system itself. Channels 8 till 11 are reserved
for this. The channel 8 is connected to the driver supply and is very useful to check the voltages of the
connected external supply. This can be useful to check when applications are launched where extra high
voltage is needed. Refer to the chapter “Measurement system” for more details about measuring these
channels. There are DLL functions available that will do these checks for you.
A typical diagnostic check will start with checking if the external supply is available. Then it will check if the
red led is lit. If these steps are ok, the diagnostics via software can be executed.
14.4 Supply Connector
This connector provides the PTC with power.
Any power source that generates a voltage between 24 and 48 V DC with a minimum current of 1.5 A is
allowed.
0V
+24-48V DC
Figure 14-2
There is an alternative connector on the main board (PWRCON1), parallel to the DC power supply socket.
0V
+24-48V DC
Figure 14-3
14.5 LED Indicators
Two Led indicators will help the user to check the status of the PTC
The red led shows that the core inside has power
The green led will show a busy status. If the Programmer is executing a job, the led will be on.
Figure 14-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com