Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC04-DB-FastLoader Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 10Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 11Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 12Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 13Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 14Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 15Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 12 of 15
Data Sheet
Rev 004
December/14
16.3 Settings
The microprocessor core has a fixed setting to communicate with the host.
Used settings are as follows:
Parameter
Value
Baud rate
115, 2 kBps
Bits
8
Parity
No
Flow Control
None
Stop bits
1
Table 11: RS232 settings
17.
USB Communication with host
Universal Serial Bus (USB) is used (V1.0)
Developed by Compaq, Hewlett-Packard, Intel, Lucent, Microsoft, NEC and Phillips.
17.1 Connectors
Pin
Name
Description
1
VBUS
+5 VDC
2
D-
Data -
3
D+
Data+
4
GND
Ground
Table 12: USB connection
17.2 Cable
Default:
USB A (at the Connector) to plug into a PC
USB B (at the Connector) to plug into the PTC04
Series "A" plugs are used towards the host system and series "B" plugs are used towards the USB
device.
17.3 Settings
Two drivers have to be installed and are available in one executable on the Software CD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com