Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTC04-DB-FastLoader Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button PTC04-DB-FastLoader Datasheet HTML 2Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 3Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 4Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 5Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 6Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 6 of 15
Data Sheet
Rev 004
December/14
11.
Measurement System
DC Operating Parameters TA = 25-35
oC, V ext = 48V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
ADC Channels
16
Pin Potential
-0.5
35.5
V
Voltage range (full mode)
-37.5
37.5
V
Resolution (full Mode)
1.15
mV
Accuracy (full Mode)
-0.1
-1.15
+0.1
+1.15
%
mV
Voltage range (fine mode)
-7.8
7.8
V
Resolution (fine Mode)
0.24
mV
Accuracy (fine Mode)
-0.1
-0.25
+0.1
0.25
%
mV
Current Meter Range
PPS1-3
PPS4
-500
-50
500
50
mA
Resolution (full Mode)
PPS1-3
PPS4
77
52
uA
Current Meter Accuracy
PPS1-3
PPS4
-2
-0.312
-2
-0.5
+2
0.312
+2
0.5
%
mA
%
mA
Table 5: Programmable Fast Power Supply
12.
Function Timings
DC Operating Parameters TA = 25-35
oC, V ext = 48V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Voltage Source Program Rate
PPS1-4, Using PC Software and RS232
interface
20
mS
Using vector functions
10
uS
Voltage Source Noise
PPS1-4, Peak-to-peak
2
5
mV
Current Measurement Sample Time
Firmware Only
PC software and RS232
0.5
20
mS
Table 6: Function Timings
13.
Unique Features
13.1 Mini-Tester
Due to the architecture of the Hardware in combination with the Software, the PTC04 can be used as a
mixed mode tester (With limited performance).
There are library routines (DLL) available in order to interface with any software language. (C++, Visual
Basic, Lab view, Excel (VBA)…)
13.2 Analogue Vector Generator
A vector space of 512Kbyte allows you to store a huge amount of actions. These actions consist of setting
a level on a channel, waiting a time x, setting the Fast DAC and making samples on an analogue input
(measurement) or a digital comparator. For details, refer to the PSF of the PTC04 chapter Pattern
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com