Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTADC12 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HTADC12
Description  High Temperature 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTADC12 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HTADC12 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin
Pin Name
Description
1
VDD
5V Digital Supply
2
RNC
Read/Not Convert Input – A high-to-low transition initiates an A-to-D conversion.
When held low, the outputs are in a high impedance mode.
3
NCS
Not Chip Select Input – A low input will select the chip and enable the outputs.
A high input will de-select the chip and place the outputs in a high impedance state.
4
NAP
Power down control (digital input). A low input for normal operation.
A high input for power down mode.
5
VDDA
5V Analog Supply
6
VREF
VREF Buffered Output. Nominally 2.5V buffered output of on-chip voltage reference. This signal is also
connected internally to the Capacitor DAC reference input. This signal should be left open on the board.
7
BUFFIN
Analog Buffer Amp Input – This is the input to the unity gain buffer amplifier.
8
BUFFOUT
Unity Gain Buffer Output. Unity gain buffer output based on the BUFFIN signal.
9
VIN ADC
ADC Signal Input.
10
VSSA
Analog Ground
11
SDO
Serial Data Output – Digital data output. This is a tri-state output driver.1
12
SCLK
Serial Clock Input – This signal is used to clock out the serial digital data.
13
STS
Status Output – A low signal indicates the conversion is complete and the data is available at the outputs.
A high signal indicates a conversion is in process.
14
VSS
Digital Ground
14 Lead Package Block and PIN Diagrams
(1) The data outputs may be put into a high impedance state according to truth table.
2
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com