Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTADC12 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # HTADC12
Description  High Temperature 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTADC12 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  HTADC12 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Signal Definition
Analog Input Options
The analog input signal may be connected directly to the
VIN ADC input or go through a buffer amplifier.
Direct into VINADC
The input range can be from 0V to VREFIN. This input is
nominally high impedance but should be driven by a low
impedance source.
Input Through Buffer Amp
The HTADC12 has an integrated buffer amplifier which can
be used to condition the input signal. The access to the
amplifiers input pins and ability to create different circuits
is dependent on the package option selected.
14 Pin Package: The buffer amplifier is configured as a unity
gain amplifier with an input range of 0V to VREFIN. The output
should then be connected directly to the VIN_ADC pin.
R1 = R2 = 20k ohms.
28 Pin Package: With the 28 pin package, both input terminals
and the output terminal of the amplifier are available. On the
positive terminal, the AIN1 and AIN2 inputs are configured to
allow the signal to be divided by 2 through a resistor divider
(with either AIN1 or AIN2 connected to VSSA = 0V). This
provides the ability to use signals from 0V to 5V. The negative
input terminal and output are on separate pins allowing
additional circuits to be created. The maximum output value
shall be VREFIN. The internal resistor values are 20k ohms.
This output may then be connected to VIN ADC which has an
input range of 0V to VREFIN (or 2.5V maximum). The output
buffer may also be used as a unity-gain input buffer by applying
the analog input to both AIN1 and AIN2.
Tri-State Output Control
The digital outputs are tri-state drivers. They are controlled by
the CE, NCS, and RNC. To have the outputs active, CE and RNC
must be high and NCS must be low.
RNC
The RNC signal is used to trigger an A-to-D Conversion by a
high-to-low transition.
STS
This signal is a status indicator for the validity of the output data.
STS is high while a conversion is in progress.
NAP
The NAP input may be used to put all analog circuitry except
VREF into a low-current mode, saving power during inactive
periods. Recovery time from NAP mode is <30µs. It is available
only in the 14 pin DIP package.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com