Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTADC12 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HTADC12
Description  High Temperature 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTADC12 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HTADC12 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
28 Lead Package Block and PIN Diagrams
Pin
Pin Name
Description
1
VDD
5V Digital Supply2
2
RNC
Read/Not Convert Input – A high-to-low transition initiates an A-to-D conversion.
When held low, the outputs are in a high impedance mode.
3
NCS
Not Chip Select Input – A low input will select the chip and enable the outputs.
A high input will de-select the chip and place the outputs in a high impedance state.
4
CE
Chip Enable Input – A high input will enable the chip and enable the outputs.
A low input will disable the chip and place the outputs in a high impedance state.
5
VDDA
5V Analog Supply2
6
VREFOUT
VREF Buffered Output. Nominally 2.5V buffered output of on-chip voltage reference.
May be connected to VREFIN on the board.
7
VSSA
Analog Ground
8
VREFIN
Voltage Reference Input. May be connected to VREFOUT or to an external voltage reference.
9
AIN1
Analog Input – Input to buffer amplifier
10
AIN2
Analog Input – Input to buffer amplifier
11
BUFFIN
Analog Input – Input to negative terminal of the buffer amplifier
12
BUFFOUT
Analog Buffer Output
13
VIN
ADC Signal Input – Analog input signal
14
VSS
Digital Ground
15
DO
Data Output. D0 is the LSB. This is a tri-state output driver.1
16-26 D1 – D11
Data Output. D1 – D11. These are tri-state output drivers.1
27
AO
Output Data Byte Select Input – The digital data can be output as a standard 12 bit parallel output or
can be presented in two 8-bit bytes for use with 8 bit microprocessors.
The 8 bit bus will be aligned with D4 – D11.
When A0 is low, the digital data is output in a standard 12 bit format (D0 = LSB).
This will also represent the first byte (bits D4 – D11) for an 8 bit system.
When A0 is high, the second byte will be available at the output. D11 through D8 now contain the
4 LSB’s of the 12-bit parallel data (D0 – D3).
28
STS
Status Output – A low signal indicates the conversion is complete and the data is available at the outputs.
A high signal indicates a conversion is in process.
(1) The data outputs may be put into a high impedance state according to truth table.
(2) These power supplies are required to be the same supply on the board. They cannot be independent supplies.
3
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com