Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTADC12 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HTADC12
Description  High Temperature 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTADC12 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HTADC12 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Name
Parameter
Min. Rating
Max. Rating
Units
VDD
Supply Voltage2
-0.5
6.0
Volts
VPIN
Voltage on Any Pin2
-0.5
VDD+0.5
Volts
TSTORE
Storage Temperature
-55
300
°C
IOUT
Average Output Current
50
mA
ESD
Electrostatic Discharge Protection Voltage3
750
V
PJC
Package Thermal Resistance (Junction-to-Case)
28 Pin DIP
15
°C/W
Package Thermal Resistance (Junction-to-Case)
14 Pin DIP
(1) Stresses in excess of those listed above may result in immediate permanent damage to the device.
These are stress ratings only, and operation at these levels is not implied.
Frequent or extended exposure to absolute maximum conditions may affect device reliability.
(2) Voltage referenced to VSS = 0V.
(3) Class 1 Electrostatic Discharge (ESD) input protection voltage per MIL-STD-883, Method 3015
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Supply Voltage
4.75
5.0
5.25
Volts
TC
External Package Temperature
-55
25
225
°C
Temp Op
Operating Temperature
-55
225
°C
VPIN
Voltage on Any Pin
-0.3
VDD +0.3
Volts
VREFIN
Input Voltage Reference
0.0V
2.5V
Volts
(1) Voltages referenced to VSS.
(1) Unless otherwise specified, specifications apply over the full operating temperature range from -55°C to 225°C,
VDDA externally connected to VDD = 5V, VSSA externally connected to VSS = 0V.
Symbol
Parameter
Conditions1
Limits:
Min.
Typ.
Max.
Units
IDDA
VDDA Quiescent Current
NAP=0 (off), No external load on VREFOUT
2.5
5
mA
IDD
VDD Quiescent Current
NAP=0 (off), No external load on VREFOUT
150
250
µA
IDDA NAP
Quiescent Current VDDA
NAP=1 (on), No external load on VREFOUT
500
1000
µA
IDD NAP
Quiescent Current VDD
NAP=1 (on), No external load on VREFOUT
150
250
µA
IOZ
Output Tri-State Leakage
Output High Impedance
-5
+5
uA
VIL
Low Level Input Voltage
Digital I/O signals
20
% of
VDD (V)
VIH
High Level Input Voltage
Digital I/O signals
80
% of
VDD (V)
VOH
High Level Output Voltage
Sourcing 4mA Current
VDD -0.5
V
VOL
Low Level Output Voltage
Sinking 4mA Current
VSS + 0.5
V
IIL
Input current at VIN=VSS
Digital I/O signals
-1
+1
µA
IIH
Input current at VIN=VDD
Digital I/O signals
-1
+1
µA
5
Absolute Maximum Rating1
Recommended Operating Conditions1
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com