Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTADC12 Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # HTADC12
Description  High Temperature 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTADC12 Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button HTADC12 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Symbol
Parameter
Min.
Typ.
Max.
Units
T4
STS Delay After Data Buffer Turn-On
50
80
110
ns
T9
Rising Edge of First Clock
0
ns
Data Output Formats: There are three output formats:
12 bit parallel, two 8 bit parallel, and serial.
28 Pin Package: The parallel data can be presented as either
12 straight binary bits or configured for a “two-byte READ”
for use with 8 bit processor busses.
12-Bit Data Readout in 8-Bit Systems: The HTADC12’s
12-bit parallel data output can be read out by an 8-bit system
in two 8-bit bytes. In this mode, the 8 MSB bit positions of
the 12-bit output are utilized as the 8-bit bus.
Address control of the byte of interest is handled by the logic
state of the A0 control line.
• When A0=0, the output data assumes its normal 12-bit format
with bits D11-D4 of the 12-bit word forming the 1st data byte.
• When A0=1, bits D3-D0 followed by 4 logic zeroes are
superimposed onto the 8 MSB bit positions, forming
the 2nd data byte.
Serial Output Control (14 Pin Package): Conversions in the
serial output mode are initiated identically to the parallel output
mode described above. The serial data output, SDO, is enabled
identically as well.
Valid data becomes available at SDO immediately at the end of
the conversion cycle (slightly prior to STS). Data is output MSB
first, and advances one bit position with each SCLK falling edge.
Rising SCLK edges may be used to clock serial data into
the master.
SCLK activity occurring other than when SDO is properly
enabled for read is ignored.
Data Output
Data Output Values
Pins
AO = 0
AO = 1
(READ bits D4 – D11) (READ bits D0 – D3)
D11
D11
D3
D10
D10
D2
D9
D9
D1
D8
D8
D0
D7
D7
“0”
D6
D6
“0”
D5
D5
“0”
D4
D4
“0”
D3
D3
D3
D2
D2
D2
D1
D1
D1
D0
D0
D0
8 Bit Bus
10
Serial Output Timing Diagram
Serial Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com