Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTADC12 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # HTADC12
Description  High Temperature 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTADC12 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button HTADC12 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
(1) Unless otherwise specified, specifications apply over the full operating temperature range from -55°C to 225°C,
VDDA externally connected to VDD = 5V, VSSA externally connected to VSS = 0V.
(2) Guaranteed by design.
(3) Maximum serial clock frequency listed is for a 10pF load on SDOUT. For greater capacitive loads,
a lower clock frequency must be used. For Cload = 100pF, Fsclk = 10 MHz is the recommended maximum.
(4) VREF_OUT can provide source current only.
(5) 28 Lead: This device is tested with an EXTERNAL Voltage Reference and therefore the reference is stable over temperature.
Total Error = ADC error
14 Lead: This device uses the INTERNAL Voltage Reference and therefore impacts the overall FS TC of the ADC.
Total Error = ADC error + Voltage Ref error
6
Electrical Performance Characteristics
Symbol
Parameter
Conditions1
Limits:
Min.
Typ.
Max.
Units
# of Bits
Resolution2
12
Bits
INL
Integral Non-Linearity
-2.8
+2.8
LSB
DNL
Differential Non-Linearity
28 Lead Package
-1.0
+1.8
LSB
14 Lead Package
-1.0
+1.96
LBS
Offset
Offset Error
VIN value @ VOUT=Voltage equivalent to
-5
0
+5
LSB
0.0 (from Linear regression) LSB, T=25°C
OS_TC
Offset Error Tempco
VIN value @ VOUT=Voltage equivalent to
-5
+5
ppm/°C
0.0 (from Linear regression) LSB, T=25°C
FS_ERR
Full Scale Calibration Error
Maximum Change in Full Scale Calibration -0.3
+0.3
% of FS
VREFIN = 2.5V, T=25°C
FS_TC
FS Calibration Error Tempco
28 Lead Package5
-3
+3
ppm/°C
Maximum Change in Full Scale Calibration
VREFIN = 2.5V, T=25°C
14 Lead Package5
-7
+7
ppm/°C
Maximum Change in Full Scale Internal
VREFIN = 2.5V +/- 10mV, T=25°C
PSRA
Power Supply Rejection
Magnitude of Output Code
-1
1
LSB
+4.75V ≤ VDDA ≤ 5.25V
PSRD
Power Supply Rejection
Magnitude of Output Code
-1
1
LSB
+4.5V ≤ VDD ≤ 5.5V
VREFOUT
Reference Output Voltage
55°C < T > 255°C
2.49
2.51
V
D
VRO-TIME
VREFOUT Drift with time
T = 255°C, .t = 1000 hours2
-3
+3
mV
D
VRo/DVDDA VREFOUT Line Regulation-DC VDDA = 5V ± 0.25V
-1
+1
mV/V
D
VRO/DIO
VREFOUT Load Regulation-DC 0.0 mA ≤ Iout ≤ +8.0 mA4
0.5
mV/mA
VRN
VREFOUT Noise2
f = 0.1Hz to 10kHz
110
µV rms
TCONV
Conversion Time
9
11.5
µs
FSCLK
Serial Clock Frequency
Cload = 10pF3
40
MHz
TWAKEUP
Wake-up time from NAP
30
µs
(ADC ready to convert)
VOSAA
Auxilliary Amplifier Input
-3
±1
+3
mV
Offset Voltage
BWAA
Auxilliary Amp Unity Gain
Cload = 40pf
3
5
MHz
Bandwidth2
D
R/R
Aux Amp Input Resistor
0.1
+0.1
%
Divider (/2) Matching2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com