Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTADC12 Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # HTADC12
Description  High Temperature 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTADC12 Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button HTADC12 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
There are two main methods of operating the HTADC12,
Open Loop and Closed Loop.
Open Loop
The HTADC can also be used in an open loop mode in which
the enable pins are held at a steady value and conversions are
triggered by RNC. The output data is available and read when
STS goes low. To trigger another conversion, only RNC has
to be driven low.
(1) CE is held high and NCS is held low.
(2) RNC is pulsed from a high to a low value which starts
the conversion. RNC returns high before the conversion
is completed.
(3) The STS signal will then go to a high value.
(4) When the conversion is complete, STS will go low indicating
the data is available on the output bus.
(5) The next conversion is started with another pulse on the RNC line.
Symbol
Parameter
Min.
Typ.
Max.
Units
T1
STS Delay From RNC
100
ns
T2
Low RNC Pulse Width
20
ns
T3
Conversion Time
9
10
11.5
µs
T4
STS Delay After Data Buffer Turn-On
50
80
110
ns
T5
High Z Delay After Disable
20
ns
Recommended Operating Modes
8
Open Loop Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com