Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTADC12 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # HTADC12
Description  High Temperature 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTADC12 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button HTADC12 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Functional Description
The A-to-D converter block consists of a 12-bit successive
approximation analog-to-digital converter using an internal 12-bit
capacitive charge re-distribution DAC. Conversions are initiated
by a high-to-low transition on the RNC input. The analog input
voltage range is from 0V to VREF_IN. While the conversion is in
progress, the Status output (STS) is high and the parallel data
outputs (D0 through D11) are in a high impedance state. When
the conversion is complete, the data is made available on the
parallel data output pins (D0 through D11). STS goes low
approximately 1.5 clock cycles after the data is placed on
the outputs, indicating that data is ready. A complete A/D
conversion cycle requires 38 clock cycles. The nominal internal
clock frequency is 4 MHz.
ADC Clocking: The internal A/D clock is nominally 4 MHz, and
is approximately temperature and supply independent. At the
nominal clock frequency the ADC throughput is approximately
100KSamples/sec.
Voltage Reference Options: The full-scale input range of the
ADC is 0V to VREFIN. The 12-bit ADC has an internal, buffered
reference source VREFOUT. VREFOUT is within 2.49V to 2.51V
over all conditions (-55°C to +225°C). The reference buffer is
designed to provide a low-impedance output capable of settling
within the sampling time of the ADC when operated with the
4MHz clock.
28 Pin Package: To use this reference connect VREFOUT
directly to VREFIN. Do not add decoupling capacitors at this
connection. The capacitance on VREFOUT should be minimized.
An external voltage reference may be used instead of the
internal reference source. In that case, the external source may
be connected directly to VREFIN and VREFOUT may be left
un-connected.
14 Pin Package: VREFOUT is connected to VREFIN inside
the package. No external reference can be used.
ADC Converter Control
Four signals are used to control the ADC.
• Conversion Control: CE, NCS, and RNC
• Output Buffer Control: CE, NCS, and RNC
• Output Format: A0
Conversion Control
It is recommended to use RNC as the signal to trigger the
conversion and read functions. CE and NCS should be used
as enables. Refer to timing diagrams.
However, the CE, NCS, and RNC have equivalent signal
functions. A conversion can be initiated by a transition on
the any of the control lines, as shown in the Truth Table.
Once a conversion is started, it can be terminated and restarted
by reasserting the appropriate control lines.
CE
NCS
RNC
A0
Operation
Outputs
0
x
x
x
None
High Impedance
x
1
x
x
None
High Impedance
Ç
0
0
x
Initiate conversion
High Impedance
1
È
0
x
Initiate conversion
High Impedance
1
0
È
x
Initiate conversion
High Impedance
1
0
1
x
Enable serial output
Enabled
1
0
1
0
Enable 12-bit parallel output
Enabled
(8 MSBs are read here when using 8-bit bus option)
1
0
1
1
Enable 4 LSBs + 4 trailing zeroes, all super-imposed on 8
Enabled
MSB outputs (8-bit bus option)
7
Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com