Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTADC12 Datasheet(PDF) 12 Page - Honeywell Solid State Electronics Center

Part # HTADC12
Description  High Temperature 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTADC12 Datasheet(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button HTADC12 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
N61-0979-000-000
June 2012
© 2012 Honeywell International Inc.
Honeywell Aerospace
1944 East Sky Harbor Circle
Phoenix, Arizona 85034
North America: 1-800-601-3099
International: 1-602-365-3099
www.honeywell.com
Package Outline Dimensions (Inches)
Symbol
Min.
Nom.
Max.
A
.135
.156
.178
A1
.085
.095
.105
b
.016
.018
.020
b2
.048
.050
.052
C
.009
.010
.012
D
1.386
1.400
1.414
E
.600
.610
.620
E1
.584
.594
.604
e
.095
.100
.105
e1
---
(6.00)
---
e2
1.295
1.300
1.305
L
---
.150 Typ.
---
Q
.040
.050
.060
14 Lead Package
4. EAR99 – This document
does not contain technology
or technical data as defined
in EAR part 772.
3. This case outline is based
on package 58032696.
The package number is
printed in ceramic paste
on the top surface.
2. Edges of package may be
chamfered to prevent chipping.
1. Measured at stand off.
28 Lead Package
4. EAR99 – This document
does not contain
technology or technical
data as defined in
EAR Part 772.
3. This case outline is based
on package 58032697.
The package number is
printed in ceramic passte
on the top surface.
2. Edges of package may
be chamfered to prevent
chipping.
1. Measured at stand off.
A1
A
L
Q
(width)
(pitch)
e
b
b2
A1
A
L
Q
(width)
(pitch)
e
b
b2
D
No.28No.15
No.1
No.14
No.1 Index
.328
KOVAR
LID
1 e2
.328
KOVAR
LID
Braze
C
1 e1
No.14No.8
No.1
No.7
D
No.1 Index
.288 KOVAR
LID
.271
KOVAR
LID
Braze
1 e1
C
1 e2
E1 E
E1 E
A1
A
L
Q
(width)
(pitch)
e
b
b2
A1
A
L
Q
(width)
(pitch)
e
b
b2
D
No.28No.15
No.1
No.14
No.1 Index
.328
KOVAR
LID
1 e2
.328
KOVAR
LID
Braze
C
1 e1
No.14No.8
No.1
No.7
D
No.1 Index
.288 KOVAR
LID
.271
KOVAR
LID
Braze
1 e1
C
1 e2
E1 E
E1 E
Ordering Information
Source
H = Honeywell
Process
T = Hi Temp SOI
Part Type
ADC = Analog to
Digital Converter
Number of bits
Package
DCA = 28 pin DIP
DCB = 14 Pin DIP
H
T
ADC
12
DCA
Find Out More
For more information on Honeywell’s High Temperature Electronics visit us online at
www.honeywell.com/hightemp, or contact us at 800-323-8295 or 763-954-2474.
Customer Service Email: ps.customer.support@honeywell.com.
Symbol
Min.
Nom.
Max.
A
.107
.126
.146
A1
.072
.080
.088
b
.016
.018
.020
b2
.045
.047
.049
C
.008
.010
.012
D
.692
.700
.708
E
.300
.310
.320
E1
.285
.295
.305
e
.095
.100
.105
e1
---
(.300)
---
e2
.595
.600
.605
L
---
.150 Typ.
---
Q
.025
.035
.045
28 Lead Package
14 Lead Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com