Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTADC12 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HTADC12
Description  High Temperature 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTADC12 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HTADC12 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HTADC12 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The HTADC12 is a high temperature, single supply, 12-bit,
100kSPS, analog-to-digital converter with on-chip buffered
voltage reference and an on-chip analog input buffer. The
HTADC12 uses a Successive Approximation Register (SAR)
architecture that does not require an input sample-and-hold
amplifier to provide 12-bit resolution at 100 kSPS data rates
HTADC12 High Temperature 12-Bit A/D Converter
Features
• Monolithic 12-Bit, 100 kSPS A/D Converter
• Operating temperature range of -55°C to +225°C
• Single +5 V analog supply
• Built in high temperature voltage reference
• Buffered voltage reference output pin
• Built-in analog input buffer
• Straight binary output data
• Typical INL of +/- 0.5 LSB at 250°C
• Parallel 12-bit output or serial output
• Input flexibility to use internal reference or off-chip reference.
over the full operating temperature range of -55°C to +225°C.
The HTADC12 is fabricated on a high temperature SOI-IV Silicon
On Insulator (SOI) process with very low power consumption.
The input of the HTADC12 allows for easy interfacing to sensors
for data conversion applications. The direct input supports 0V to
2.5V signals and includes an on-chip buffer to allow for full 5V input
signals. The product is offered with both a serial and parallel digital
output interface. The switched capacitor charge-redistribution DAC
architecture does not require a sample-and-hold input stage.
It is well suited for both multiplexed systems that switch full-scale
voltage levels in successive channels and also for sampling single-
channel inputs at frequencies up to and well beyond the Nyquist
rate. An internal clock is used to operate the HTADC12.
The digital output data is presented in straight binary output format.
There are three output formats: 12 bit parallel, two 8 bit parallel,
and serial.
High Temp and Ruggedized Package
The HTADC12 is packaged in a 14 or 28 lead ceramic
DIP package.
Low Power
The HTADC12, at 10 mW, consumes a fraction of the power
of presently available ADCs in existing monolithic solutions.


Similar Part No. - HTADC12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HTA IRF-HTA Datasheet
169Kb / 14P
HIGH RELIABILITY DC/DC CONVERTER
HTA IRF-HTA Datasheet
170Kb / 14P
HIGH RELIABILITY DC-DC CONVERTER
logo
LEM
HTA 100-S LEM-HTA 100-S Datasheet
523Kb / 3P
Current Transducer HTA 100 ... 1000-S
15December2017/version 7
HTA 1000-S LEM-HTA 1000-S Datasheet
523Kb / 3P
Current Transducer HTA 100 ... 1000-S
15December2017/version 7
HTA 200-S LEM-HTA 200-S Datasheet
523Kb / 3P
Current Transducer HTA 100 ... 1000-S
15December2017/version 7
More results

Similar Description - HTADC12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
HT574 ETC-HT574 Datasheet
86Kb / 8P
HIGH TEMPERATURE UP COMPATIBLE 12-BIT A/D CONVERTER
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
12-Bit A/D Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
logo
Texas Instruments
ADC124S051 TI1-ADC124S051_15 Datasheet
1Mb / 28P
12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
12-Bit A/D Converter
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
12-Bit A/D Converter
23-Feb-2017
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com