Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458LEDE Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3458LEDE
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458LEDE Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3458LEDE Datasheet HTML 3Page - Linear Technology LTC3458LEDE Datasheet HTML 4Page - Linear Technology LTC3458LEDE Datasheet HTML 5Page - Linear Technology LTC3458LEDE Datasheet HTML 6Page - Linear Technology LTC3458LEDE Datasheet HTML 7Page - Linear Technology LTC3458LEDE Datasheet HTML 8Page - Linear Technology LTC3458LEDE Datasheet HTML 9Page - Linear Technology LTC3458LEDE Datasheet HTML 10Page - Linear Technology LTC3458LEDE Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3458L
7
3458lf
PI FU CTIO S
SW (Pin 1): Switch Pin for Inductor Connection. During
discontinuous conduction mode an antiring resistor con-
nects SW to VIN to reduce noise.
VIN (Pin 2): Input Supply Pin. Connect this to the input
supply and decouple with 1
µF minimum.
SYNC (Pin 3): Oscillator Synchronization Pin. A clock
pulse width of 100ns to 2
µs is required to synchronize the
internal oscillator. This pin is disabled when grounded.
SHDN (Pin 4): Shutdown Pin. Grounding this pin shuts
down the IC. Connect to >1.25V to enable.
ILIM (Pin 5): Adjustable Peak Current Limit. Connect a
resistor from ILIM to GND to program the peak inductor
current according to the following formula:
I
R
LIMIT
ILIM
=
180
where ILIMIT is in amps and RT is in kΩ.
RT (Pin 6): Connect a resistor to ground to program the
oscillator frequency, according to the formula:
f
R
OSC
T
=
+
1
02 0004
..
where fOSC is in MHz and RT is in kΩ.
Oscillator frequency can be programmed between 400kHz
and 1.5MHz.
FB (Pin 7): Connect Resistor Divider Tap Here. The output
voltage can be adjusted from 2V to 6V. Feedback reference
voltage is typically 1.225V.
COMP (Pin 8): gm Error Amp Output. A frequency com-
pensation network is connected from this pin to ground to
compensate the loop. See the section “Compensating the
Feedback Loop” for guidelines.
GND (Pin 9): Signal Ground Pin.
SS (Pin 10): Connect a capacitor between this pin and
ground to set soft-start period. 5
µA of current is sourced
from SS during soft-start.
t(msec) = CSS (µF )• 200
BURST (Pin 11): Burst Mode Threshold Adjust Pin. A
resistor/capacitor combination from this pin to ground
programs the average load current at which automatic
Burst Mode operation is entered, according to the formula:
R
I
BURST
BURST
=
10
where RBURST is in kΩ and IBURST is in amps.
C
CV
BURST
OUT
OUT
=
,
10 000
where CBURST(MIN) and COUT are in µF.
To force fixed frequency PWM mode, connect BURST to
VOUT through a 51k resistor.
VOUT (Pin 12): Output of the Synchronous Rectifier and
Internal Gate Drive Source for the Power Switches.
V
R
R
OUT =+
⎝⎜
⎠⎟
1 225 1
1
2
.
Exposed Pad (PGND) (Pin 13): Must be soldered to PCB
ground, for electrical contact and optimum thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com