Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458LEDE Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3458LEDE
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458LEDE Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3458LEDE Datasheet HTML 8Page - Linear Technology LTC3458LEDE Datasheet HTML 9Page - Linear Technology LTC3458LEDE Datasheet HTML 10Page - Linear Technology LTC3458LEDE Datasheet HTML 11Page - Linear Technology LTC3458LEDE Datasheet HTML 12Page - Linear Technology LTC3458LEDE Datasheet HTML 13Page - Linear Technology LTC3458LEDE Datasheet HTML 14Page - Linear Technology LTC3458LEDE Datasheet HTML 15Page - Linear Technology LTC3458LEDE Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3458L
13
3458lf
The typical error amp compensation is shown in Figure 2.
The equations for the loop dynamics are as follows:
f
eCC
which is close to DC
f
RCC
f
RCC
POLE
ZERO
Z
POLE
Z
1
6
1
2
1
210
1
1
21
1
22
=
π
π
π
••
••
••
+
7
8
COMP
FB
ERROR
AMP
1.225V
VOUT
R1
R2
CC1
CC2
RZ
3458L F01
Figure 2
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com