Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458LEDE Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3458LEDE
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458LEDE Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3458LEDE Datasheet HTML 8Page - Linear Technology LTC3458LEDE Datasheet HTML 9Page - Linear Technology LTC3458LEDE Datasheet HTML 10Page - Linear Technology LTC3458LEDE Datasheet HTML 11Page - Linear Technology LTC3458LEDE Datasheet HTML 12Page - Linear Technology LTC3458LEDE Datasheet HTML 13Page - Linear Technology LTC3458LEDE Datasheet HTML 14Page - Linear Technology LTC3458LEDE Datasheet HTML 15Page - Linear Technology LTC3458LEDE Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3458L
14
3458lf
TYPICAL APPLICATIO S
VIN
GND/PGND
SHDN
SYNC
RT
ILIM
SW
VOUT
FB
COMP
SS
BURST
LTC3458L
Li-Ion
3.1V to 4.2V
2.2
µF
COILCRAFT
10
µH
MSS7341
ON OFF
274k
84.5k
133k
324k
33k
0.01
µF
0.01
µF
560pF
10pF
10pF
1M
22
µF
X5R
VOUT
5V
750mA
3458L TA03a
VIN
GND/PGND
SHDN
SYNC
RT
ILIM
SW
VOUT
FB
COMP
SS
BURST
LTC3458L
2 ALKALINE
1.8V to 3.3V
2.2
µF
COILCRAFT
10
µH
MSS7341
ON OFF
274k
84.5k
133k
324k
33k
0.01
µF
0.01
µF
560pF
10pF
1M
22
µF
X5R
VOUT
5V
250mA
3458L TA04a
10pF
Lithium-Ion to 5V, 750mA at 750kHz
Two Cell to 5VOUT, 250mA at 750kHz
LOAD CURRENT (mA)
100
95
90
85
80
75
70
0.1
10
100
1000
3458L TA03b
1
4.2VIN
3.6VIN
3.1VIN
LOAD CURRENT (mA)
100
95
90
85
80
75
70
0.1
10
100
1000
3458L TA04b
1
3.3VIN
2.5VIN
1.8VIN
Li-Ion to 5VOUT
Two Alkaline to 5VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com