Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458LEDE Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3458LEDE
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458LEDE Datasheet(HTML) 5 Page - Linear Technology

  LTC3458LEDE Datasheet HTML 1Page - Linear Technology LTC3458LEDE Datasheet HTML 2Page - Linear Technology LTC3458LEDE Datasheet HTML 3Page - Linear Technology LTC3458LEDE Datasheet HTML 4Page - Linear Technology LTC3458LEDE Datasheet HTML 5Page - Linear Technology LTC3458LEDE Datasheet HTML 6Page - Linear Technology LTC3458LEDE Datasheet HTML 7Page - Linear Technology LTC3458LEDE Datasheet HTML 8Page - Linear Technology LTC3458LEDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3458L
5
3458lf
TYPICAL PERFOR A CE CHARACTERISTICS
SW
1V/DIV
IL
100mA/DIV
SW
1V/DIV
SW
5V/DIV
IL
200mA/DIV
VOUT
100mV/DIV
IL
200mA/DIV
SW
5V/DIV
VOUT
100mV/DIV
IL
200mA/DIV
SS
200mV/DIV
VOUT
2V/DIV
2V/DIV
VIN
IL
200mA/DIV
SW
2V/DIV
IL
0.5A/DIV
0mA
500ns/DIV
1
µs/DIV
500ns/DIV
50
µs/DIV
2ms/DIV
2
µs/DIV
VIN = 3.3V
VOUT = 5V
L = 7.4
µH
VIN = 3.3V
VOUT = 5V
L = 7.4
µH
VIN = 2.25V
VOUT = 5V
L = 7.4
µH
RILIM = 84.5k
VIN = 3.3V
VOUT = 5V
L = 7.4
µH
COUT = 22µF
CFF = 22pF*
RILIM = 84.5k
*CFF: FEED FORWARD CAPACITOR CONECTED BETWEEN VOUT AND FB.
GND
0mA
0mA
0mA
0mA
VIN = 3.3V
VOUT = 5V
L = 7.4
µH
COUT = 22µF
CFF = 22pF
RILIM = 84.5k
VIN = 3.3V
VOUT = 5V
L = 7.4
µH
CSS = 0.1µF
3458L G14
3458L G15
3458L G16
3458L G17
3458L G18
3458L G19
Fixed Frequency (FF)
Discontinuous Current
Fixed Frequency (FF)
Continuous Current
Over-Current with 2A ILIMIT
Burst Mode Operation
Burst Mode Operation Close-Up
Soft-Start into 20
Ω Load
(TA = 25°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com