Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458LEDE Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3458LEDE
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458LEDE Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3458LEDE Datasheet HTML 8Page - Linear Technology LTC3458LEDE Datasheet HTML 9Page - Linear Technology LTC3458LEDE Datasheet HTML 10Page - Linear Technology LTC3458LEDE Datasheet HTML 11Page - Linear Technology LTC3458LEDE Datasheet HTML 12Page - Linear Technology LTC3458LEDE Datasheet HTML 13Page - Linear Technology LTC3458LEDE Datasheet HTML 14Page - Linear Technology LTC3458LEDE Datasheet HTML 15Page - Linear Technology LTC3458LEDE Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3458L
16
3458lf
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1310
1.5A ISW, 4.5MHz, High Efficiency Step-Up DC/DC Converter
VIN: 2.75V to 18V, VOUT(MAX) = 35V, IQ = 12mA, ISD < 1µA,
MS10E
LT1613
550mA ISW, 1.4MHz, High Efficiency Step-Up DC/DC Converter
VIN: 0.9V to 10V, VOUT(MAX) = 34V, IQ = 3mA, ISD < 1µA, ThinSOT
LT1615/
300mA/80mA ISW, Constant Off-Time, High Efficiency
VIN: 1.2V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD < 1µA,
LT1615-1
Step-Up DC/DC Converter
ThinSOT
LT1618
1.5A ISW, 1.4MHz, High Efficiency Step-Up DC/DC Converter
VIN: 1.6V to 18V, VOUT(MAX) = 35V, IQ = 1.8mA, ISD < 1µA, MS10
LT1946/LT1946A 1.5A ISW, 1.2MHz/2.7MHz, High Efficiency Step-Up
VIN: 2.45V to 16V, VOUT(MAX) = 34V, IQ = 3.2mA, ISD < 1µA, MS8
DC/DC Converter
LT1961
1.5A ISW, 1.25MHz, High Efficiency Step-Up DC/DC Converter
VIN: 3V to 25V, VOUT(MAX) = 35V, IQ = 0.9mA, ISD < 6µA, MS8E
LTC3400/
600mA ISW, 1.2MHz, Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 5V, VOUT(MAX) = 5V, IQ = 19µA/300µA ISD < 1µA,
LTC3400B
ThinSOT
LTC3401
1A ISW, 3MHz, Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 5V, VOUT(MAX) = 6V, IQ = 38µA ISD < 1µA, MS10
LTC3402
2A ISW, 3MHz, Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 5V, VOUT(MAX) = 6V, IQ = 38µA ISD < 1µA, MS10
LTC3421
3A ISW, 3MHz, Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 4.5V, VOUT(MAX) = 2.4V to 5.25V
LTC3425
5A ISW, 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 12µA, ISD < 1µA,
QFN32
LTC3429
600mA, 500kHz, Synchronous Step-Up DC/DC Converter
VIN: 0.5V to 5V, VOUT(MAX) = 5V, IQ = 20µA/300µA ISD < 1µA,
with Output Disconnect and Soft-Start
ThinSOT
LTC3458
1.4A ISW, 1.5MHz, High Efficiency Step-Up DC/DC Converter
VIN: 1.5V to 6V, VOUT(MAX) = Up to 7.5V
LTC3459
70mA ISW, 10V Micropower Synchronous Boost/Output Disconnect VIN: 1.5V to 5.5V, VOUT(MAX) = 10V, IQ = 10µA, ThinSOT
LT3460
320mA ISW, 1.3MHz, High Efficiency Step-Up DC/DC Converter
VIN: 2.5V to 16V, VOUT(MAX) = 36V, IQ = 2mA, ISD < 1µA, SC70,
ThinSOT
LT3464
85mA ISW, Constant Off-Time, High Efficiency Step-Up DC/DC
VIN: 2.3V to 10V, VOUT(MAX) = 34V, IQ = 25µA, ISD < 1µA,
Converter with Integrated Schottky/Output Disconnect
ThinSOT
High Current LED Driver with BURST Pin Current Regulation
Two Alkaline Cells Powering
a 1-Watt Lumiled
VIN
GND/PGND
SHDN
SYNC
RT
ILIM
SW
VOUT
FB
COMP
SS
BURST
LTC3458L
2 ALKALINE
1.8V TO 3.3V
CIN
2.2
µF
L1
Z1
D1
ON OFF
274k
84.5k
RBURST
33k
0.01
µF
0.01
µF
0.01
µF
COUT
2.2
µF
VOUT
3V TO 3.5V
3458L TA06a
CIN, COUT: TAIYO YUDEN JMK107BJ225MA
D1: LUXEON EMITTER LUMILED WHITE
LXHLMW1D
L1: Coilcraft 10
µH MSS7341
RBURST: 45.3k FOR 300mA,
82.5k FOR 150mA,
232k FOR 50mA
Z1: CENTRAL SEMI 6.8V ZENER DIODE SOT-23 CMPZ5235B
fOSC = 750kHz
+
–
INPUT VOLTAGE (V)
100
90
80
70
60
50
3458L TA06b
1.8
2.3
2.8
3.3
300mA, 3.5V
50mA, 3V
150mA, 3.2V
NOTE: LUMILED CURRENT REGULATION
~20% OVER VIN RANGE
LT/TP 0505 500 • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com