Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458LEDE Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3458LEDE
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458LEDE Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3458LEDE Datasheet HTML 4Page - Linear Technology LTC3458LEDE Datasheet HTML 5Page - Linear Technology LTC3458LEDE Datasheet HTML 6Page - Linear Technology LTC3458LEDE Datasheet HTML 7Page - Linear Technology LTC3458LEDE Datasheet HTML 8Page - Linear Technology LTC3458LEDE Datasheet HTML 9Page - Linear Technology LTC3458LEDE Datasheet HTML 10Page - Linear Technology LTC3458LEDE Datasheet HTML 11Page - Linear Technology LTC3458LEDE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3458L
8
3458lf
Detailed Description
The LTC3458L provides high efficiency, low noise power
for boost applications with output voltages up to 6V. The
true output disconnect feature eliminates inrush current,
and allows VOUT to go to zero during shutdown. The
current mode architecture with adaptive slope compensa-
tion provides ease of loop compensation with excellent
transient load response. The low RDS(ON), low gate charge
synchronous switches eliminate the need for an external
Schottky rectifier, and provide efficient high frequency
pulse width modulation (PWM) control. High efficiency is
achieved at light loads when Burst Mode operation is
entered, where the IC’s quiescent current is a low 12
µA
typical on VIN. The LTC3458L is designed to provide
custom performance in a variety of applications with
programmable feedback, current limit, oscillator frequency,
soft-start, and Burst Mode threshold.
BLOCK DIAGRA
PGND
PGND
VBEST
VBEST
VSELECT
3
6
9
OSC/SYNC
MAX
DUTY
SYNC
GND
ILIM
PGND
SS
COMP
SHDN
RT
VIN
VIN
VIN
SW
VOUT
FB
BURST
PWM
AND
BURST MODE
DRIVE LOGIC
P-DRIVE
P-DRIVE
P-DRIVE
N-DRIVE
N-DRIVE
N-DRIVE
IZERO
DETECT
BURST MODE
CONTROL
FIXED
FREQUENCY
BURST MODE
MUX
SOFT-START
THERMAL SD
4%
UNDERVOLTAGE
REFERENCE/
BIAS
PEAK CURRENT
COMPARATOR
ICOMP, ILIMIT,
IBURST_PEAK,
SLOPE COMP
SLEEP
SLEEP
CONTROL
MODE
MODE
MODE
ICOMP/LIMIT_PEAK
IBURST_PEAK
SLOPE
SLOPE
SLEEP TO
ALL BLOCKS
I_SENSE
BURST ACTIVE
(DISABLED IN
BURST MODE)
+
–
+
–
TSD
5
13
10
8
4
11
1
2
12
7
ANTIRING
SW1
UNDER
UNDER
SD
TO ALL BLOCKS
SDB
BIAS
CURRENTS
UVLO
IZERO
3458L BD
ERROR AMPLIFIER/
BURST COMPARATOR
APPLICATIO S I FOR ATIO
LTC3458L Programmable Functions
Current Limit (ILIMIT)/Peak Burst Current (IBURSTPEAK).
The programmable current limit circuit sets the maximum
peak current in the internal N-channel MOSFET switch.
This clamp level is programmed using a resistor to ground
on ILIM. In Burst Mode operation, the current limit is
automatically set to ~1/4 of the programmed current limit
for optimal efficiency. An 84.5k RILIM resistor is recom-
mended in most applications unless a lower limit is
needed to prevent the external inductor from saturating.
I
R
LIMIT =
180
I is in amps and R is in k
Ω.
II
BURSTPEAK
LIM
≈
1
4
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com