Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458LEDE Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3458LEDE
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458LEDE Datasheet(HTML) 2 Page - Linear Technology

  LTC3458LEDE Datasheet HTML 1Page - Linear Technology LTC3458LEDE Datasheet HTML 2Page - Linear Technology LTC3458LEDE Datasheet HTML 3Page - Linear Technology LTC3458LEDE Datasheet HTML 4Page - Linear Technology LTC3458LEDE Datasheet HTML 5Page - Linear Technology LTC3458LEDE Datasheet HTML 6Page - Linear Technology LTC3458LEDE Datasheet HTML 7Page - Linear Technology LTC3458LEDE Datasheet HTML 8Page - Linear Technology LTC3458LEDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3458L
2
3458lf
VIN, SS, SYNC Voltages ................................. –0.3 to 7V
BURST, SHDN, VOUT Voltages ....................... –0.3 to 7V
Operating Temperature Range
(Notes 2, 3) .........................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
SW Voltage
DC ........................................................... –0.3V to 7V
Pulsed <100ns ........................................ –0.3V to 8V
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 45°C/W
LTC3458LEDE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VOUT = 5V, RT = 200k, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VIN Operating Voltage
TA = 0°C to 85°C
1.4
1.5
V
TA = –40°C to 0°C
1.4
1.7
V
Output Voltage Adjust Range
26
V
Feedback Voltage
0
°C to 85°C, VOUT = 3.3V
1.21
1.225
1.25
V
–40
°C to 0°C
1.20
1.25
V
Undervoltage (Exit Burst Mode Operation)
Below Feedback Voltage
–4
%
Feedback Input Current
VFB = 1.23V
1
50
nA
Quiescent Current – Burst Mode Operation
VIN Current at 3.3V
12
30
µA
VOUT Current at 5V
5
10
µA
Quiescent Current – Shutdown
VIN Current at 3.3V
0.5
1
µA
VOUT Current at 0V
1
3
µA
Quiescent Current – Active
VIN Current Switching
1
3
mA
NMOS Switch Leakage
0.05
5
µA
PMOS Switch Leakage
0.05
5
µA
NMOS Switch On Resistance
VOUT = 5V
0.2
PMOS Switch On Resistance
VOUT = 5V
0.3
Fixed NMOS Current Limit
RILIM = 84.5k
1.7
2.1
A
Maximum Duty Cycle
VIN = 3.3V, fOSC = 1MHz
80
90
%
Minimum Duty Cycle
0%
Frequency Accuracy
RT = 200k
0.85
1
1.15
MHz
Error Amplifier Transconductance
60
µA/V
Error Amplifier Source Current
7
µA
Error Amplifier Sink Current
7
µA
SYNC Input High
1.5
V
SYNC Input Low
0.35
V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
12
11
10
9
8
7
1
2
3
4
5
6
VOUT
BURST
SS
GND
COMP
FB
SW
VIN
SYNC
SHDN
ILIM
RT
TOP VIEW
DE PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
EXPOSED PAD IS PGND (PIN 13),
MUST BE SOLDERED TO PCB
13
DE PART MARKING
3458L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com