Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458LEDE Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3458LEDE
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458LEDE Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3458LEDE Datasheet HTML 8Page - Linear Technology LTC3458LEDE Datasheet HTML 9Page - Linear Technology LTC3458LEDE Datasheet HTML 10Page - Linear Technology LTC3458LEDE Datasheet HTML 11Page - Linear Technology LTC3458LEDE Datasheet HTML 12Page - Linear Technology LTC3458LEDE Datasheet HTML 13Page - Linear Technology LTC3458LEDE Datasheet HTML 14Page - Linear Technology LTC3458LEDE Datasheet HTML 15Page - Linear Technology LTC3458LEDE Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3458L
12
3458lf
Input Capacitor Selection
The input filter capacitor reduces peak currents drawn
from the input source and reduces input switching noise.
In most applications >1
µF per amp of peak input current
is recommended. See Table 3 for a list of capacitor
manufacturers for input and output capacitor selection.
Table 3. Capacitor Vendor Information
Supplier
Phone
Website
AVX
(803) 448 - 9411
www.avxcorp.com
Sanyo
(619) 661 - 6322
www.sanyovideo.com
TDK
(847) 803 - 6100
www.component.tdk.com
Murata
USA: (814) 237-1431
(800) 831-9172
www.murata.com
Taiyo Yuden
(408) 573 - 4150
www.t-yuden.com
Operating Frequency Selection
There are several considerations in selecting the operating
frequency of the converter. The first is staying clear of
sensitive frequency bands, which cannot tolerate any
spectral noise. For example in products incorporating RF
communications the 455kHz IF frequency is sensitive to
any noise, therefore switching above 600kHz is desired.
Some communications have sensitivity to 1.1MHz and in
that case a 1.5MHz switching converter frequency may be
employed. The second consideration is the physical size of
the converter. As the operating frequency goes up, the
inductor and filter capacitors go down in value and size.
The trade off is in efficiency, since the switching losses due
to gate charge increase proportional with frequency.
Thermal Considerations
For the LTC3458L to deliver its full output power, it is
imperative that a good thermal path be provided to dissi-
pate the heat generated within the package. This can be
accomplished by taking advantage of the large thermal
pad on the underside of the IC. It is recommended that
multiple vias in the printed circuit board be used to
conduct heat away from the IC and into a copper plane with
as much area as possible. If the junction temperature rises
above ~150
°C, the part will go into thermal shutdown, and
all switching will stop until the temperature drops.
Compensating the Feedback Loop
The LTC3458L uses current mode control, with internal
adaptive slope compensation. Current mode control elimi-
nates the 2nd order filter due to the inductor and output
capacitor exhibited in voltage mode controllers, and sim-
plifies the power loop to a single pole filter response. The
product of the modulator control to output DC gain, and
the error amp open-loop gain gives the DC gain of the
system:
GG
G
V
V
G
G
V
I
GG
R
DC
CONTROL
EA
REF
OUT
CURRENT SENSE
CONTROL
IN
OUT
EA
CURRENT SENSE
DS ON
=
=
≈
=
••
•
•
,
,
_
_
()
2
1000
1
The output filter pole is given by:
f
I
VC
FILTER POLE
OUT
OUT
OUT
_
••
,
=
π
where COUT is the output filter capacitor.
The output filter zero is given by:
f
RC
FILTER ZERO
ESR
OUT
_
••
,
=
1
2
π
where RESR is the output capacitor equivalent series
resistance.
A troublesome feature of the boost regulator topology is
the right half plane zero (RHP), and is given by:
f
V
IV
L
RHPZ
IN
OUT
OUT
=
2
2
π ••
•
At heavy loads this gain increase with phase lag can occur
at a relatively low frequency. The loop gain is typically
rolled off before the RHP zero frequency.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com