Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458LEDE Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3458LEDE
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458LEDE Datasheet(HTML) 1 Page - Linear Technology

  LTC3458LEDE Datasheet HTML 1Page - Linear Technology LTC3458LEDE Datasheet HTML 2Page - Linear Technology LTC3458LEDE Datasheet HTML 3Page - Linear Technology LTC3458LEDE Datasheet HTML 4Page - Linear Technology LTC3458LEDE Datasheet HTML 5Page - Linear Technology LTC3458LEDE Datasheet HTML 6Page - Linear Technology LTC3458LEDE Datasheet HTML 7Page - Linear Technology LTC3458LEDE Datasheet HTML 8Page - Linear Technology LTC3458LEDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3458L
1
3458lf
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
High Efficiency: Up to 95%
Inrush Current Limiting and Output Disconnect
Programmable Output Voltages up to 6V
1.5V to 6V Input Range
Programmable/Synchronizable Fixed Frequency
Operation up to 1.5MHz
Programmable Automatic Burst Mode
® Operation
Current Mode Control with Programmable Soft-Start
Period and Peak Current Limit
0.2
Ω N-Channel and 0.3Ω P-Channel Switches
Ultralow Quiescent Currents: 12
µA Sleep, <1µA in
Shutdown
12-Pin 4mm
× 3mm Thermally Enhanced DFN
Package
Point-of-Load Regulators
USB VBUS Power
Portable GPS
MP3 Players
1.7A, 1.5MHz Synchronous
Step-Up DC/DC Converter
with Output Disconnect
The LTC
®3458L is a high efficiency, current mode, fixed
frequency, step up DC/DC converter with true output
disconnect and inrush current limiting. The LTC3458L is
rated for up to 6V output and includes a 0.2
Ω N-channel
MOSFET switch and a 0.3
Ω P-channel MOSFET synchro-
nous rectifier. The LTC3458L is well suited for battery
powered applications and includes programmable output
voltage, switching frequency and loop compensation. The
oscillator frequency can be set up to 1.5MHz or synchro-
nized to an external clock.
Quiescent current is only 12
µA during Burst Mode opera-
tion maximizing battery life in portable applications. The
Burst Mode current threshold, peak current limit, and soft-
start are externally programmable. Other features include
<1
µA shutdown current, antiringing control, and thermal
limit. The LTC3458L is available in a low profile (0.75mm),
4mm
× 3mm 12-pin DFN package.
Li-Ion to 5V at 1MHz
Li-Ion to 5VOUT
VIN
GND/PGND
SHDN
SYNC
RT
ILIM
SW
VOUT
FB
COMP
SS
BURST
LTC3458L
Li Ion
3.1V TO 4.2V
2.2
µF
7.4
µH
ON OFF
200k
84.5k
133k
324k
33k
0.01
µF
0.01
µF
560pF
10pF
10pF
1M
22
µF
X5R
VOUT
5V
750mA
3458L TA01a
LOAD CURRENT (mA)
0.1
100
95
90
85
80
75
70
65
60
1000
100
10
1
0.1
110
3458L TA01b
100
1000
4.2VIN
3.1VIN
POWER
LOSS
3.6VIN
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5481178, 6304066, 6580258, 5511131, 6498466


Similar Part No. - LTC3458LEDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458L LINER-LTC3458L Datasheet
381Kb / 16P
1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3458LEDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3 Datasheet
281Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
321Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458 LINER-LTC3458_15 Datasheet
318Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com