Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3458LEDE Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3458LEDE
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458LEDE Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3458LEDE Datasheet HTML 5Page - Linear Technology LTC3458LEDE Datasheet HTML 6Page - Linear Technology LTC3458LEDE Datasheet HTML 7Page - Linear Technology LTC3458LEDE Datasheet HTML 8Page - Linear Technology LTC3458LEDE Datasheet HTML 9Page - Linear Technology LTC3458LEDE Datasheet HTML 10Page - Linear Technology LTC3458LEDE Datasheet HTML 11Page - Linear Technology LTC3458LEDE Datasheet HTML 12Page - Linear Technology LTC3458LEDE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3458L
9
3458lf
APPLICATIO S I FOR ATIO
Current Sensing. Lossless current sensing converts the
peak current signal to a voltage to sum in with the internal
slope compensation. This summed signal is compared to
the error amplifier output to provide a peak current control
command for the PWM. The slope compensation in the IC
is adaptive to the input and output voltage, therefore the
converter provides the proper amount of slope compensa-
tion to ensure stability, but not an excess to cause a loss
of phase margin in the converter.
Output Disconnect and Inrush Limiting. The LTC3458L
is designed to allow true output disconnect by eliminating
body diode conduction of the internal P-channel MOSFET
rectifier. This allows V0UT to go to zero volts during
shutdown, drawing no current from the input source. It
also allows for inrush current limiting at turn-on, minimiz-
ing surge currents seen by the input supply. Note that to
obtain the advantages of output disconnect, there must
not be any external Schottky diodes connected between
SW and VOUT.
Shutdown. The part is shut down by pulling SHDN below
0.3V, and made active by pulling the pin above 1.25V. Note
that SHDN can be driven above VIN or VOUT, as long as it
is limited to less than 6V.
Synchronous Rectifier. To prevent the inductor current
from running away, the P-channel MOSFET synchronous
rectifier is only enabled when VOUT > (VIN + 0.25V).
Thermal Shutdown. If the die temperature reaches ap-
proximately 150
°C, the part will go into thermal shutdown
and all switches will be turned off and the soft-start
capacitor will be reset. The part will be enabled again when
the die temperature has dropped by 10
°C (nominal).
Zero Current Amplifier (IZERO). The zero current amplifier
monitors the inductor current to the output and shuts off
the synchronous rectifier once the current is below 50mA
typical, preventing negative inductor current.
Burst Mode Operation
Burst Mode operation can be automatic or user controlled.
In automatic operation, the IC will automatically enter
Burst Mode operation at light load and return to fixed
frequency PWM mode for heavier loads. The user can
program the average load current at which the mode
Error Amp. The error amplifier is a transconductance type,
with its positive input internally connected to the 1.225V
reference, and its negative input connected to FB. A simple
compensation network is placed from COMP to ground.
Internal clamps limit the minimum and maximum error
amp output voltage for improved large signal transient
response. During sleep (in Burst Mode), the compensa-
tion pin is high impedance, however clamps limit the
voltage on the external compensation network, preventing
the compensation capacitor from discharging to zero
during the sleep time.
Oscillator. The frequency of operation is set through a
resistor from RT to ground. An internally trimmed timing
capacitor resides inside the IC. The oscillator frequency is
calculated using the following formula:
f
R
OSC
T
=
+
1
02 0004
..
where fOSC is in MHz and RT is in kΩ
The oscillator can be synchronized with an external clock
applied to the SYNC pin. When synchronizing the oscilla-
tor, the free running frequency must be set to approxi-
mately 30% lower than the desired synchronized fre-
quency.
Soft-Start. The soft-start time is programmed with an
external capacitor to ground on SS. An internal current
source charges it with a nominal 5
µA. The voltage on the
SS pin (in conjunction with the external resistor on ILIM) is
used to control the peak current limit until the voltage on
the capacitor exceeds ~1V, at which point the external
resistor sets the peak current. In the event of a com-
manded shutdown, severe short-circuit, or a thermal
shutdown, the capacitor is discharged automatically.
t(msec) = CSS (µF) • 200
Other LTC3458L Features and Functions
Antiringing Control. The antiringing control places a
resistor across the inductor to damp the ringing on SW pin
discontinuous conduction mode. The LC ringing
(L = inductor, CSW = Capacitance on SW pin) is low energy,
but can cause EMI radiation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com