Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9154 Datasheet HTML 29Page - Analog Devices AD9154 Datasheet HTML 30Page - Analog Devices AD9154 Datasheet HTML 31Page - Analog Devices AD9154 Datasheet HTML 32Page - Analog Devices AD9154 Datasheet HTML 33Page - Analog Devices AD9154 Datasheet HTML 34Page - Analog Devices AD9154 Datasheet HTML 35Page - Analog Devices AD9154 Datasheet HTML 36Page - Analog Devices AD9154 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 33 of 124
JESD204B SERIAL DATA INTERFACE
JESD204B OVERVIEW
The JESD204B Setup section explains how to select a JESD204B
operating mode. This section presents an overview of the inner
workings of the AD9154 JESD204B receiver implementation.
The AD9154 has eight JESD204B data ports that receive data.
The eight JESD204B ports can be configured as part of a single
JESD204B link or as part of two separate JESD204B links (dual
link mode) that share a single system reference (SYSREF±) and
device clock (CLK±).
The JESD204B hardware protocol stack consists of three layers:
the physical layer, the data link layer, and the transport layer. These
sections of the hardware are described in subsequent sections,
including information for configuring every aspect of the interface.
Figure 41 shows the communication layers implemented in the
AD9154 serial data interface to recover the clock and deserialize,
descramble, and deframe the data before it is sent to the digital
signal processing section of the device.
The physical layer establishes a reliable channel between the
transmitter and the receiver, the data link layer unpacks the data
into frames of octets and descrambles the data, and the transport
layer receives the descrambled JESD204B frames and converts
them to DAC input samples.
A number of JESD204B parameters (L, F, K, M, N, Np, S, and
HD) define how the data is packed and instruct the device on
how to turn the serial data into samples. These parameters are
defined in detail in the Transport Layer section.
Only certain combinations of parameters are supported. Each
supported combination is called a JESD204B operating mode.
In total, there are 10 single link modes supported by the AD9154,
as described in Table 34. In dual link mode, there are six
supported modes, as described in Table 35.
Each of these tables shows the associated clock rates when the
lane rate is 10 Gbps.
For a particular application, the number of converters to use
(M) and the DataRate are known. The LaneRate and number of
lanes (L) can be traded off as follows:
DataRate = (DACRate)/(InterpolationFactor)
LaneRate = (20 × DataRate × M)/L
where LaneRate must be between 1.42 Gbps and 10.64 Gbps.
Achieving and recovering synchronization of the lanes is very
important. To simplify the interface to the transmitter, the AD9154
designates a master synchronization signal for each JESD204B
link. In single link mode, SYNCOUT0± is the master signal for all
lanes; in dual link mode, SYNCOUT0± is the master signal for
Link 0, and SYNCOUT1± is used as the master signal for Link 1.
If is sent to the transmitter via the SYNCOUT signal of the link.
The transmitter stops sending data and instead sends synchron-
ization characters to all lanes in that link until resynchronization
is achieved.
DESERIALIZER
DATA LINK
LAYER
TRANSPORT
LAYER
SERDIN0±
SYSREF±
SERDIN7±
DUAL A I DATA[15:0]
DUAL A Q DATA[15:0]
DUAL B Q DATA[15:0]
DUAL B I DATA[15:0]
TO
DAC
SYNCOUT1±
SYNCOUT0±
PHYSICAL
LAYER
DESERIALIZER
FRAME TO
SAMPLES
QBD/
DESCRAMBLER
Figure 41. Functional Block Diagram of Serial Link Receiver
Table 34. Single Link JESD204B Operating Modes
Mode
Parameter
0
1
2
3
4
5
6
7
9
10
M (Converter Counts)
4
4
4
4
2
2
2
2
1
1
L (Lane Counts)
8
8
4
2
4
4
2
1
2
1
S (Samples per Converter per Frame)
1
2
1
1
1
2
1
1
1
1
F (Octets per Frame per Lane)
1
2
2
4
1
2
2
4
1
2
Example Clocks for 10 Gbps Lane Rate
PClock (MHz)
250
250
250
250
250
250
250
250
250
250
Frame Clock (MHz)
1000
500
500
250
1000
500
500
250
1000
500
Sample Clock (MHz)
1000
1000
500
250
1000
1000
500
250
1000
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com