Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9154 Datasheet HTML 14Page - Analog Devices AD9154 Datasheet HTML 15Page - Analog Devices AD9154 Datasheet HTML 16Page - Analog Devices AD9154 Datasheet HTML 17Page - Analog Devices AD9154 Datasheet HTML 18Page - Analog Devices AD9154 Datasheet HTML 19Page - Analog Devices AD9154 Datasheet HTML 20Page - Analog Devices AD9154 Datasheet HTML 21Page - Analog Devices AD9154 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 18 of 124
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0
500
1000
1500
2000
2500
fDAC (MHz)
1× INTERPOLATION
2× INTERPOLATION
4× INTERPOLATION
8× INTERPOLATION
Figure 28. Total Power Consumption vs. fDAC over Interpolation
0
50
100
150
200
250
300
350
400
450
500
1× INTERPOLATION
2× INTERPOLATION
4× INTERPOLATION
8× INTERPOLATION
0
500
1000
1500
2000
2500
fDAC (MHz)
Figure 29. DVDD12 Supply Current vs. fDAC over Interpolation
0
500
1000
1500
2000
2500
fDAC (MHz)
0
20
40
60
80
100
120
140
NCO
fDAC/4
fDAC/8
INVERSE SINC
DIGITAL GAIN,
PHASE ASDJUST,
GROUP DELAY
Figure 30. Additive DVDD12 Supply Current vs. fDAC over Digital Functions
0
50
100
150
200
250
300
350
400
450
500
AVDD33
CVDD12
PVDD12
0
500
1000
1500
2000
2500
fDAC (MHz)
Figure 31. AVDD33, CVDD12, and PVDD12 Supply Current vs. fDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com