Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9154 Datasheet HTML 18Page - Analog Devices AD9154 Datasheet HTML 19Page - Analog Devices AD9154 Datasheet HTML 20Page - Analog Devices AD9154 Datasheet HTML 21Page - Analog Devices AD9154 Datasheet HTML 22Page - Analog Devices AD9154 Datasheet HTML 23Page - Analog Devices AD9154 Datasheet HTML 24Page - Analog Devices AD9154 Datasheet HTML 25Page - Analog Devices AD9154 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 22 of 124
SERIAL PORT OPERATION
The serial port interface (SPI) is a flexible, synchronous serial
communications port that allows easy interfacing with many
industry-standard microcontrollers and microprocessors. The
interface facilitates read/write access to all registers that configure
the AD9154. MSB first or LSB first transfer formats are supported.
The SPI is configurable as a 4-wire interface or a 3-wire interface
in which the input and output share a single-pin I/O, SDIO.
64
SCLK
63
SDIO
62
SDO
65
CS
SPI
PORT
Figure 36. SPI Pins
There are two phases to a communication cycle with the AD9154.
Phase 1 is the instruction cycle (the writing of an instruction
byte into the device), coincident with the first 16 SCLK rising
edges. The instruction word provides the serial port controller
with information regarding the data transfer cycle, Phase 2 of
the communication cycle. The Phase 1 instruction word defines
whether the upcoming data transfer is a read or write, along
with the starting register address for the following data transfer.
A logic high on the CS pin, followed by a logic low, resets the
serial port timing to the initial state of the instruction cycle.
From this state, the next 16 rising SCLK edges represent the
instruction bits of the current input/output (I/O) operation.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the device and
the system controller. Phase 2 of the communication cycle is a
transfer of one or more data bytes. Eight × N SCLK cycles are
needed to transfer N bytes during the transfer cycle. Registers
change immediately upon writing to the last bit of each transfer
byte, except for the frequency tuning word (FTW) and numerically
controlled oscillator (NCO) phase offsets, which change only
when the frequency tuning word FTW_UPDATE_REQ bit is set.
DATA FORMAT
The instruction byte contains the information shown in Table 13.
Table 13. Serial Port Instruction Word
I15 (MSB)
I[14:0]
R/W
A[14:0]
R/W, Bit 15 of the instruction word, determines whether a read
or a write data transfer occurs after the instruction word write.
Logic 1 indicates a read operation, and Logic 0 indicates a write
operation.
A14 to A0, Bit 14 to Bit 0 of the instruction word, determine the
register accessed during the data transfer portion of the com-
munication cycle. For multibyte transfers, A[14:0] is the starting
address. The device generates the remaining register addresses
based on the address increment bits. If the address increment
bits are set high (Register 0x000, Bit 5 and Bit 2), multibyte SPI
writes start on A[14:0] and increment by 1 every eight bits sent/
received. If the address increment bits are set to 0, the address
decrements by 1 every eight bits.
SERIAL PORT PIN DESCRIPTIONS
Serial Clock (SCLK)
The serial clock pin synchronizes data to and from the device
and runs the internal state machines. The maximum frequency
of SCLK is specified in Table 2. All data input is registered on the
rising edge of SCLK. All data is driven out on the falling edge of
SCLK.
Chip Select (CS)
An active low input starts and gates a communication cycle.
It allows the use of more than one device on the same serial
communications lines. The SDIO pin goes to a high impedance
state when this input is high. During the communication cycle,
chip select must stay low.
Serial Data I/O (SDIO)
This pin is a bidirectional data line. In 4-wire mode, this pin
acts as the data input and SDO acts as the data output.
SERIAL PORT OPTIONS
The serial port can support both MSB first and LSB first data
formats. The LSB first bits (Register 0x000, Bit 6 and Bit 1)
control this functionality. The default is MSB first (the LSB first
bits = 0).
When the LSB first bits = 0 (MSB first), the instruction and data
bits must be written from MSB to LSB. R/W is followed by A[14:0]
as the instruction word, and D[7:0] is the data-word. When the
LSB first bits = 1 (LSB first), the opposite is true. A[0:14] is
followed by R/W, which is subsequently followed by D[0:7].
The serial port supports a 3-wire or 4-wire interface. When the
SDO active bits = 1 (Register 0x000, Bit 4 and Bit 3), a 4-wire
interface with a separate input pin (SDIO) and output pin (SDO) is
used. When the SDO active bits = 0, the SDO pin is unused and
the SDIO pin is used for both input and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com