Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9154 Datasheet HTML 12Page - Analog Devices AD9154 Datasheet HTML 13Page - Analog Devices AD9154 Datasheet HTML 14Page - Analog Devices AD9154 Datasheet HTML 15Page - Analog Devices AD9154 Datasheet HTML 16Page - Analog Devices AD9154 Datasheet HTML 17Page - Analog Devices AD9154 Datasheet HTML 18Page - Analog Devices AD9154 Datasheet HTML 19Page - Analog Devices AD9154 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 16 of 124
–170
–165
–160
–155
–150
–145
–140
–135
–130
fOUT (MHz)
100
0
200
300
400
500
fDAC = 983.04MHz
fDAC = 1228.8MHz
fDAC = 1474.56MHz
fDAC = 1966.08MHz
Figure 16. Single Tone (0 dBFS) NSD vs. fOUT over fDAC,
20 MHz Offset from Carrier
–170
–165
–160
–155
–150
–145
–140
–135
–130
fOUT (MHz)
0
100
200
300
400
500
600
700
800
900
1000
0dBFS
–6dBFS
–12dBFS
–15dBFS
Figure 17. Single Tone NSD vs. fOUT over Digital Back Off, fDAC = 1966.08 MHz,
Measured at 70 MHz
–170
–165
–160
–155
–150
–145
–140
–135
–130
fOUT (MHz)
0
100
200
300
400
500
600
700
800
900
1000
PLL OFF
PLL ON
Figure 18. Single Tone NSD vs. fOUT, fDAC = 1966.08 MHz, Measured at 70 MHz,
PLL On and Off
fOUT (MHz)
0
100
200
300
400
500
600
700
800
900
1000
PLL OFF
PLL ON
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
Figure 19. 1-Channel (1C) 5 MHz BW LTE, First Adjacent ACLR vs. fOUT,
PLL On and Off
fOUT (MHz)
0
100
200
300
400
500
600
700
800
900
1000
PLL OFF
PLL ON
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
Figure 20. 1C 5 MHz BW LTE, Second Adjacent ACLR vs. fOUT, PLL On and Off
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
CENTER 180.550MHz
#RES BW 3.0kHz
SPAN 10.00MHz
SWEEP 22.80ms (1001PTS)
VBW 3.0kHz
Figure 21. Two-Tone, Third IMD Performance, IF = 180 MHz,
fDAC = 1966.08 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com