Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9154 Datasheet HTML 26Page - Analog Devices AD9154 Datasheet HTML 27Page - Analog Devices AD9154 Datasheet HTML 28Page - Analog Devices AD9154 Datasheet HTML 29Page - Analog Devices AD9154 Datasheet HTML 30Page - Analog Devices AD9154 Datasheet HTML 31Page - Analog Devices AD9154 Datasheet HTML 32Page - Analog Devices AD9154 Datasheet HTML 33Page - Analog Devices AD9154 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 30 of 124
CheckSumMode
CheckSumMode must match the checksum mode used on the
transmit side. If the checksum used is the sum of fields in the
link configuration table, CheckSumMode = 0. If summing the
registers containing the packed link configuration fields,
CheckSumMode = 1. For more information on the how to
calculate the two checksum modes, see the Lane0Checksum
section.
Lane0Checksum
Lane0Checksum is used for error checking purposes to ensure
that the transmitter is set up as expected.
If CheckSumMode = 0, the checksum is the lower 8 bits of the
sum of the L − 1, M − 1, K − 1, N − 1, Np − 1, S − 1, Scrambling,
HD, Subclass, and JESDVer variables.
If CheckSumMode = 1, Lane0Checksum is the lower 8 bits of
the sum of Register 0x450 to Register 0x45A. Select whether to
sum by fields or by registers, matching the setting on the
transmitter.
DAC Power-Down Setup
As described in the Step 1: Start Up the DAC section, PdDACs
must be set to 0 if all four converters are being used. If fewer
than four converters are in use, the unused converters can be
powered down. Use Table 28 determine which DACs are powered
down based on the number of converters per link (M) and
whether the device is in DualLink mode.
Table 28. DAC Power-Down Configuration Settings
M (Converters
per Link)
DualLink
DACs to Power Down
PdDACs
0
1
2
3
1
0
0
1
1
1
0b0111
1
1
0
1
1
0
0b0110
2
0
0
0
1
1
0b0011
2
1
0
0
0
0
0b0000
4
0
0
0
0
0
0b0000
When using M = 1 in DualLink mode, set the I_TO_Q bit high
to ensure data entering DAC Dual B is sent to the DAC 3 output.
PdClocks
If both DACs in DAC Dual B (DAC2 and DAC3) are powered
down, the clock for DAC Dual B can be powered down. In this
case, Register 0x080, Bits[7:6] = 0x1; otherwise, Register 0x080,
Bits[7:6] = 0x0.
SERDES Clocks Setup
This section describes how to select the appropriate Halfrate,
OvSmp, and PLLDiv settings in the Step 4: Physical Layer
section. These parameters depend solely on the lane rate. The
lane rate is established in the JESD204B Setup section.
Table 29. SERDES Lane Rate Configuration Settings
Lane Rate (Gbps) (see Table 4)
Halfrate
OvSmp
PLLDiv
CDR Oversampling Mode
0
1
2
CDR Full Rate Mode
0
0
1
CDR Half Rate Mode
1
0
0
Halfrate and OvSmp set how the clock detect and recover
(CDR) circuit samples. See the SERDES PLL section for an
explanation of how this circuit blocks works and the role of
PLLDiv in the block.
EQUALIZATION MODE SETUP
Set EqMode = 1 for a low power setting. Select this mode if the
insertion loss in the printed circuit board (PCB) is less than
12 dB. For insertion losses greater than 12 dB but less than
17.5 dB, set EqMode = 0. See the Equalization section for more
information.
LINK LATENCY SETUP
This section describes the steps necessary to guarantee multichip
deterministic latency in Subclass 1 and guarantee synchronization
of links within a device in Subclass 0. Use this section to fill in
LMFCDel, LMFCVar, and Subclass in the Step 5: Data Link Layer
section. For more information, see the Syncing LMFC Signals
section.
Subclass Setup
The AD9154 supports JESD204B Subclass 0 and Subclass 1
operation.
Subclass 1
Subclass 1 mode achieves deterministic latency and allows the
synchronization of links to within the limits called out in Table 7.
It requires an external SYSREF± signal accurately phase aligned to
the DAC clock.
Subclass 0
Subclass 0 mode does not require any signal on the SYSREF± pins;
leave these pins disconnected.
Subclass 0 still requires that all lanes arrive within the same
LMFC cycle and the dual DACs must be synchronized to each
other (they are synchronized to an internal clock instead of the
SYSREF± signal when in Subclass 0 mode).
Set Subclass to 0 or 1 as desired.
Link Delay Setup
LMFCVar and LMFCDel impose delays such that all lanes in a
system arrive in the same LMFC cycle.
The unit used internally for delays is the period of the internal
processing clock (PClock), with a rate 1/40th of the lane rate.
Delays that are not in PClock cycles must be converted before
they are used.
Some useful internal relationships are defined below:
PClockPeriod = 40/LaneRate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com