Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9154 Datasheet HTML 13Page - Analog Devices AD9154 Datasheet HTML 14Page - Analog Devices AD9154 Datasheet HTML 15Page - Analog Devices AD9154 Datasheet HTML 16Page - Analog Devices AD9154 Datasheet HTML 17Page - Analog Devices AD9154 Datasheet HTML 18Page - Analog Devices AD9154 Datasheet HTML 19Page - Analog Devices AD9154 Datasheet HTML 20Page - Analog Devices AD9154 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 17 of 124
–25
–125
–115
–105
–95
–85
–75
–65
–55
–45
–35
CENTER 180MHz
#RES BW 30kHz
SPAN 44.5MHz
SWEEP 144.3ms
VBW 300kHz
Figure 22. 1C 5 MHz BW LTE ACLR Performance, IF = 180 MHz,
fDAC = 1966.08 MHz
–35
–135
–125
–115
–105
–95
–85
–75
–65
–55
–45
CENTER 180MHz
#RES BW 30kHz
SPAN 140MHz
SWEEP 454.1ms
VBW 300kHz
Figure 23. 1C 20 MHz BW LTE ACLR Performance, IF = 180 MHz,
fDAC = 1966.08 MHz
–10
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
START 0Hz
#RES BW 30kHz
STOP 2.0GHz
SWEEP 54.20ms (1001PTS)
VBW 30kHz
Figure 24. Single Tone fDAC = 1966.08 MHz, fOUT = 280 MHz, −14 dBFS
–35
–135
–125
–115
–105
–95
–85
–75
–65
–55
–45
CENTER 175MHz
#RES BW 30kHz
SPAN 54.5MHz
SWEEP 2s
VBW 300kHz
Figure 25. 2-Channel (2C) 5 MHz BW with 5 MHz Gap,
LTE ACLR Performance, IF = 180 MHz, fDAC = 1966.08 MHz
(Total LTE Carrier Power is 20.982 dBm)
–100
–110
–90
–80
–70
–60
–50
–40
–30
–20
–10
START 0Hz
#RES BW 30kHz
STOP 2.000GHz
SWEEP 54.20ms (1001PTS)
VBW 30kHz
Figure 26. Single Tone SFDR fDAC = 1966.08 MHz, 4× Interpolation,
fOUT = 10 MHz, −14 dBFS
–35
–25
–125
–115
–105
–95
–85
–75
–65
–55
–45
CENTER 180MHz
#RES BW 10kHz
SPAN 10MHz
#SWEEP 1s
#VBW 100kHz
Figure 27. 6-Channel (6C) Spaced by 600 kHz GSM, Enhanced Data Rates for
GSM Evolution (EDGE) Adjacent Channel Power (ACP) IMD Performance,
IF = 180 MHz, fDAC = 1966.08 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com