Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9154 Datasheet HTML 25Page - Analog Devices AD9154 Datasheet HTML 26Page - Analog Devices AD9154 Datasheet HTML 27Page - Analog Devices AD9154 Datasheet HTML 28Page - Analog Devices AD9154 Datasheet HTML 29Page - Analog Devices AD9154 Datasheet HTML 30Page - Analog Devices AD9154 Datasheet HTML 31Page - Analog Devices AD9154 Datasheet HTML 32Page - Analog Devices AD9154 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 29 of 124
INTERPOLATION
The transmit path can use zero to three cascaded interpolation
filters, which each provide a 2× increase in output data rate and
a low-pass function. Table 25 shows the different interpolation
modes and the respective usable bandwidth, along with the
maximum fDATA rate attainable.
Table 25. Interpolation Modes and Their Usable Bandwidth
Interpolation Mode
InterpMode
Usable Bandwidth
1× (bypass)
0x00
0.5× fDATA
2×
0x01
0.4 × fDATA
4×
0x03
0.4 × fDATA
8×
0x04
0.4 × fDATA
The usable bandwidth is defined for 1×, 2×, 4×, and 8× modes
as the frequency band over which the filters have a pass-band
ripple of less than ±0.001 dB and an image rejection of greater
than 85 dB. For more information, see the Interpolation section.
JESD204B SETUP
This section explains how to select a JESD204B operating mode
for a desired application. This in turn defines appropriate values
for CheckSumMode, UnusedLanes, DualLink, CurrentLink,
Scrambling, L, F, K, M, N, Np, Subclass, S, HD, Lane0Checksum,
and Lanes needed for the Step 3: Transport Layer section.
Note that DualLink, Scrambling, L, F, K, M, N, Np, S, HD, and
Subclass must have the same settings on the transmit side.
For a summary of how a JESD204B system works and what
each parameter means, see the JESD204B Serial Data Interface
section.
Available Operating Modes
Table 26. JESD204B Operating Modes (Single Link Only)
Mode
Parameter
0
1
2
3
M (Converter Count)
4
4
4
4
L (Lane Count)
8
8
4
2
S ((Samples per Converter) per Frame)
1
2
1
1
F ((Octets per Frame) per Lane)
1
2
2
4
Table 27. JESD204B Operating Modes (Single or Dual Link)
Mode
Parameter
4
5
6
7
9
10
M (Converter Count)
2
2
2
2
1
1
L (Lane Count)
4
4
2
1
2
1
S ((Samples per Converter) per Frame)
1
2
1
1
1
1
F ((Octets per Frame) per Lane)
1
2
2
4
1
2
For a particular application, the number of converters to use
(M) and the fDATA (DataRate) are known. The LaneRate and
number of lanes (L) can be traded off as follows:
DataRate = (DACRate)/(InterpolationFactor)
LaneRate = (20 × DataRate × M)/L
where LaneRate is specified in Table 4.
Octets per frame per lane (F) and samples per convertor per
frame (S) define how the data is packed. If F = 1, the high density
(HD) setting must be set to 1 (HD = 1). Otherwise, set HD = 0.
Both the converter resolution (N) and the bits per sample (Np)
must be set to 16. K must be set to 32 for Mode 0, Mode 4 and
Mode 9. Other modes may use either K = 16 or K = 32.
DualLink
DualLink sets up two independent JESD204B links; each link
can be reset independently. If DualLink is desired, set it to 1; if a
single link is desired, set DualLink to 0. Note that Link 0 and
Link 1 must have identical parameters. The operating modes
available when using dual link mode are shown in Table 26. In
addition to these operating modes, the modes in Table 27 may
also be used when using single link mode.
Scrambling
Scrambling is a feature that makes the spectrum of the link data
independent. This avoids spectral peaking and provides some
protection against data dependent errors caused by frequency
selective effects in the electrical interface. Set Scrambling to 1 if
scrambling is being used, or to 0 if it is not.
Subclass
Subclass determines whether the latency of the device is
deterministic, meaning it requires an external synchronization
signal. See the Subclass Setup section for more information.
CurrentLink
To configure Link 0 or Link 1, set CurrentLink to either 0 or 1,
respectively.
Lanes
Lanes enables and deskews particular lanes in two thermometer
coded registers.
Lanes = (2L) − 1
UnusedLanes
UnusedLanes turns off unused circuit blocks to save power.
Each physical lane not being used (SERDINx±) must be
powered off by writing a 1 to the corresponding bit of
Register 0x201.
For example, if using Mode 6 in dual link mode and sending
data on SERDIN0±, SERDIN1±, SERDIN4±, and SERDIN5±,
set UnusedLanes = 0xCC to power off Physical Lane 2, Physical
Lane 3, Physical Lane 6, and Physical Lane 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com