Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9154 Datasheet HTML 93Page - Analog Devices AD9154 Datasheet HTML 94Page - Analog Devices AD9154 Datasheet HTML 95Page - Analog Devices AD9154 Datasheet HTML 96Page - Analog Devices AD9154 Datasheet HTML 97Page - Analog Devices AD9154 Datasheet HTML 98Page - Analog Devices AD9154 Datasheet HTML 99Page - Analog Devices AD9154 Datasheet HTML 100Page - Analog Devices AD9154 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 97 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
1
GROUPCOMP_
BYPI
Bypass the Q Channel Group Delay Compensation
Circuitry.
0x1
R/W
0
GROUPCOMP_
BYPQ
Bypass the I Channel Group Delay Compensation
Circuitry.
0x1
R/W
0x04A
MIX_MODE
[7:1]
RESERVED
Reserved.
0x0
R
0
MIX_MODE
Mix Mode Enable.
0x0
R/W
0 Mix mode off.
1 Mix mode on.
0x050
NCO_
CLRMODE
7
NCOCLRARM
Arm NCO Clear. Arms NCO clearing operation.
0x0
R/W
1 Arm NCO clear logic.
6
RESERVED
Reserved.
0x0
R
5
NCOCLRMTCH
NCO Clear Data Match.
0x0
R
1 Key NCO clear data match.
4
NCOCLRPASS
NCO Clear Passed.
0x0
R
1 NCO clear took effect.
3
NCOCLRFAIL
NCO Clear Failed.
0x0
R
1 NCO reset during rotate.
2
RESERVED
Reserved.
0x0
R
[1:0]
NCOCLRMODE
NCO Clear Mode.
0x0
R/W
0 NCO clearing disabled.
2 NCO clear on data key.
1 NCO clear on SYSREF.
0x051
NCOKEY_ILSB
[7:0]
NCOKEYILSB
NCO DataKey for I Channel LSB.
0x0
R/W
0x052
NCOKEY_IMSB
[7:0]
NCOKEYIMSB
NCO DataKey for I Channel MSB.
0x0
R/W
0x053
NCOKEY_QLSB
[7:0]
NCOKEYQLSB
NCO DataKey for Q Channel LSB.
0x0
R/W
0x054
NCOKEY_
QMSB
[7:0]
NCOKEYQMSB
NCO DataKey for Q Channel MSB.
0x0
R/W
0x060
PA_THRES0
[7:0]
PDP_THRESHOLD
[7:0]
Average Power Threshold for Comparison.
0x0
R/W
0x061
PA_THRES1
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
PA_THRESHOLD_
MSB
Average Power Threshold for Comparison.
0x0
R/W
0x062
PDP_AVG_TIME 7
PDP_ENABLE
1 Enable Average Power Calculation and Error
Detection
0x0
R/W
6
PA_BUS_SWAP
Swap Channel A or Channel B Data Bus for Power
Calculation.
0x0
R/W
[5:4]
RESERVED
Reserved.
0x0
R
[3:0]
PDP_AVG_TIME
Set Power Average Time.
0x0
R/W
0x063
PA_POWER0
[7:0]
PDP_POWER[7:0]
Average Power Bus = I2 + Q2 (I/Q Use 6 MSBs of Data
Bus).
0x0
R
0x064
PA_POWER1
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
PDP_POWER[12:8]
Average Power Bus = I2 + Q2 (I/Q Use 6 MSBs of Data
Bus).
0x0
R
0x080
CLKCFG0
7
PD_CLK01
Power-Down Clock for Dual A.
0x1
R/W
0 Enable clock divider in Dual A.
1 Disable clock divider in Dual A.
6
PD_CLK23
Power-Down Clock for Dual B.
0x1
R/W
0 Enable clock divider in Dual B.
1 Power-down clock divider in Dual B.
5
PDCLOCKDIG
Power-Down Clocks to All DACs.
0x1
R/W
0 Enable clock for all DACs.
1 Power-down clock for all DACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com