Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9154 Datasheet HTML 68Page - Analog Devices AD9154 Datasheet HTML 69Page - Analog Devices AD9154 Datasheet HTML 70Page - Analog Devices AD9154 Datasheet HTML 71Page - Analog Devices AD9154 Datasheet HTML 72Page - Analog Devices AD9154 Datasheet HTML 73Page - Analog Devices AD9154 Datasheet HTML 74Page - Analog Devices AD9154 Datasheet HTML 75Page - Analog Devices AD9154 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 72 of 124
DAC INPUT CLOCK CONFIGURATIONS
The AD9154 DAC sample clock or device clock (DACCLK) can
be sourced directly through CLK± (Pin 2 and Pin 3) or by using
on-chip clock multiplication with the same CLK± differential
input serving as the reference. Clock multiplying employs the
on-chip DAC PLL that accepts a reference clock operating at a
submultiple of the desired DACCLK rate. The PLL then multiplies
the reference clock up to the desired DACCLK frequency,
which then generates all the clocks within the AD9154.
DRIVING THE CLK± INPUTS
The CLK± differential input is shown in Figure 75. The on-chip
clock receiver has a differential input impedance of 10 kΩ. CLK±
are not terminated on chip; the inputs are self biased to a common-
mode voltage of 600 mV. The inputs can be driven by differential
PECL or LVDS drivers with ac coupling between the clock source
and the receiver. A typical 100 Ω differential board level
termination resistor is placed between the ac coupling
capacitors and the CLK± pins.
CLK+
CLK–
600mV
5kΩ
5kΩ
Figure 75. Clock Receiver Input Simplified Equivalent Circuit
DAC PLL FIXED REGISTER WRITES
To optimize the PLL across all operating conditions, the
following SPI writes are recommended: 0x087 = 0x62, 0x088 =
0xC9, 0x089 = 0x0E, 0x08A = 0x12, 0x08D = 0x7B, 0x1B0 =
0x00, 0x1B5 = 0xC9, 0x1B9 = 0x24, 0x1BC = 0x0D, 0x1BE =
0x02, 0x1BF = 0x8E, 0x1C0 = 0x2A, 0x1C4 = 0x7E, and 0x1C5
= 0x06.
These writes properly set up the DAC PLL, including the loop
filter and the charge pump.
Loop Filter
The RF PLL filter is fully integrated on-chip and is a standard
passive third-order filter with five 4-bit programmable components
(see Figure 76). The C1, C2, C3, R1, and R3 filter components are
programmed in as listed in DAC PLL fixed register writes in the
DAC PLL Fixed Register Writes section to Register 0x087,
Register 0x088, and Register 0x089.
R1
FROM CHARGE PUMP
TO VCO
TO VCO LDO
C1
C2
C3
R3
Figure 76. Loop Filter
Charge Pump
The charge pump current is 6-bit programmable variable with a
range of 0.1 mA to 6.4 mA. It is programmed in Register 0x08A,
Bits[5:0] as shown in the DAC PLL Fixed Register Writes section.
The charge pump is automatically calibrated the first time the
DAC PLL is enabled. The charge pump calibration raises Bit 5
of Register 0x084 after it is complete and valid.
UP
DOWN
CHARGE PUMP CURRENT = 0.1mA TO 6.4mA
TO LOOP FILTER
Figure 77. Charge Pump
CONDITION SPECIFIC REGISTER WRITES
Clock Multiplication Relationships
The on-chip PLL clock multiplier circuit can generate the DAC
sample rate clock from a lower frequency reference clock. The PLL
is integrated on chip. The PLL VCO operates over a frequency
range of 6 GHz to 12 GHz. The PLL configuration parameters
must be programmed before the PLL is enabled. Step by step
instructions on how to program the PLL can be found in the
Starting the PLL section. A functional block diagram of the
clock multiplier is shown in Figure 78.
When in use, the clock multiplication circuit generates the DAC
sampling clock from the reference clock (REFCLK) input. The
frequency of the REFCLK (CLK±) input is referred to as fREF.
The REFCLK input is divided by the variable RefDivFactor. Select
the RefDivFactor variable to ensure that the frequency into the
phase frequency detector (PFD) block is between 35 MHz and
80 MHz. The valid values for RefDivFactor are 1, 2, 4, 8, 16, or 32.
Each RefDivFactor maps to the appropriate REFDIVMODE
register control according to Table 77. The REFDIVMODE
register is programmed through Register 0x08C, Bits[2:0].
Table 77. Mapping of RefDivFactor to REFDIVMODE
DAC Reference
Frequency Range (MHz)
Divide by
(RefDivFactor)
REFDIVMODE
Register 0x08C,
Bits[2:0]
35 to 80
1
0
80 to 160
2
1
160 to 320
4
2
320 to 640
8
3
640 to 1000
16
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com