Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9154 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9154 Datasheet HTML 69Page - Analog Devices AD9154 Datasheet HTML 70Page - Analog Devices AD9154 Datasheet HTML 71Page - Analog Devices AD9154 Datasheet HTML 72Page - Analog Devices AD9154 Datasheet HTML 73Page - Analog Devices AD9154 Datasheet HTML 74Page - Analog Devices AD9154 Datasheet HTML 75Page - Analog Devices AD9154 Datasheet HTML 76Page - Analog Devices AD9154 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 73 of 124
Use the following equation to determine the RefDivFactor:
MHz
80
MHz
35
<
<
or
RefDivFact
f
REF
(1)
where:
RefDivFactor is the reference divider division ratio.
fREF is the reference frequency on the CLK± input pins.
The BCount value is the divide ratio of the loop divider. It is set
to divide the fDACCLK to frequency match the fREF/RefDivFactor.
Select BCount so that the following equation is true:
or
RefDivFact
f
BCount
f
REF
DACCLK
=
×
2
(2)
where:
BCount is the feedback loop divider ratio.
fDACCLK is the DAC sample clock frequency.
The BCount value is programmed using Bits[7:0] of
Register 0x085. It is programmable from 6 to 127.
The PFD compares fREF/RefDivRate to fDAC/(2 × BCount) and
pulses the charge pump up or down to control the frequency of
the VCO. The clock multiplication circuit operates such that the
VCO outputs a frequency, fVCO.
fVCO = fDACCLK × LoDivFactor
(3)
and from Equation 2, the DAC sample clock frequency, fDACCLK,
is equal to
or
RefDivFact
f
BCount
f
REF
DACCLK
×
×
= 2
(4)
The LODivFactor is chosen to keep fVCO in the operating range
between 6 GHz and 12 GHz. The valid values for LODivFactor
are 4, 8, and 16. Each LODivFactor maps to a LODIVMODE
value. The LODIVMODE (Register 0x08B[1:0]) is programmed
as described in Table 78.
Table 78. DAC VCO Divider Selection
DAC Frequency
Range (MHz)
Divide by
(LODivFactor)
LODIVMODE
Register 0x08B, Bits[1:0]
>1500
4
1
750 to 1500
8
2
420 to 750
16
3
Table 79 lists some common frequency examples for the
RefDivFactor, LODivFactor, and BCount values that are needed
to configure the PLL properly.
Table 79. Common Frequency Examples
Frequency
(MHz)
fDACCLK
(MHz)
fVCO
(MHz)
RefDiv−
Factor
LODiv−
Factor
BCount
368.64
1474.56
11796.48
8
8
16
184.32
1474.56
11796.48
4
8
16
307.2
1228.88
9831.04
8
8
16
122.88
983.04
7864.35
2
8
8
61.44
983.04
7864.35
1
8
8
491.52
1966.08
7864.35
8
4
16
245.76
1966.08
7864.35
4
4
16
Table 79 includes different parameter sets based on fVCO. The
correct value to use is determined by the frequency into the
phase frequency detector block of the PLL.
Temperature Tracking
When properly configured, the device automatically selects one of
the 512 VCO bands. The PLL settings selected by the device ensure
that the PLL remains locked over the full −40°C to +85°C operating
temperature range of the device without further adjustment. The
PLL remains locked over the full temperature range even if the
temperature during initialization is at one of the temperature
extremes.
To properly configure temperature tracking, follow the settings
in the DAC PLL Fixed Register Writes section and the fvco
dependent SPI writes shown in Table 80.
Table 80. VCO Control Lookup Table Reference
VCO Frequency
Range (GHz)
Register
0x1B4
Setting
Register
0x1B6
Setting
Register
0x1BB
Setting
fVCO < 6.85
0x60
0x49
0x15
6.85 ≤ fVCO < 8.72
0x60
0x49
0x13
8.72 ≤ fVCO < 10.7
0x60
0x4D
0x13
fVCO ≥ 10.7
0x78
0x4D
0x04
STARTING THE PLL
The programming sequence for the DAC PLL is as follows:
1. Use the equations in the Clock Multiplication
Relationships section to find fVCO, fREF, BCount,
REFDIVMODE, and LODIVMODE .
2. Program the registers in the DAC PLL Fixed Register
Writes section.
3. Program LODIVMODE into Register 0x08B, Bits[1:0].
4. Program the BCount in Register 0x085, Bits[7:0].
5. Program REFDIVMODE in Register 0x08C, Bits[2:0].
6. Based on the fVCO found in Step 1, write the temperature
tracking registers as shown in Table 80.
7. Enable the DAC PLL synthesizer by setting Register 0x083,
Bit 4 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com