Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106963 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  106963 Datasheet HTML 1Page - PHOENIX CONTACT 106963 Datasheet HTML 2Page - PHOENIX CONTACT 106963 Datasheet HTML 3Page - PHOENIX CONTACT 106963 Datasheet HTML 4Page - PHOENIX CONTACT 106963 Datasheet HTML 5Page - PHOENIX CONTACT 106963 Datasheet HTML 6Page - PHOENIX CONTACT 106963 Datasheet HTML 7Page - PHOENIX CONTACT 106963 Datasheet HTML 8Page - PHOENIX CONTACT 106963 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT
5 / 25
4
Technical data
Input data
Unless otherwise stated, all data applies for 25°C ambient temperature, 230 V AC input voltage, and nominal
output current (I
N).
Input voltage range
100 V AC ... 240 V AC -15 % ... +10 %
110 V DC ... 250 V DC
10 %
Extended input voltage range in operation
> 88 V DC
Switch-on voltage typ.
85 V DC
Shut-down voltage typ.
80 V DC
Electric strength, max.
≤ 300 V AC ( 15 s )
Network type
Star network
Frequency range (f
N)
50 Hz ... 60 Hz
 5 Hz
Current consumption (for nominal values) typ.
1.1 A (100 V AC)
1 A (120 V AC)
0.6 A (230 V AC)
0.6 A (240 V AC)
0.7 A (110 V DC)
0.3 A (250 V DC)
Discharge current to PE
typ.
< 0.25 mA
< 0.05 mA (264 V AC, 60 Hz)
Mains buffering
> 20 ms (120 V AC)
> 110 ms (230 V AC)
Inrush surge current I
2
t
< 0.6 A
2
s
Switch-on current surge limitation typical after 1 ms
25 A
During the first few microseconds, the current flow into the filter capacitors is excluded.
Input fuse internal (device protection)
6.3 A
Choice of suitable circuit breakers
6 A ... 16 A (Characteristics B, C, D, K)
The external backup fuse must be approved for the (AC) supply voltage used and the voltage level.
Electric strength of the insulation
Insulation voltage input/output ( IEC/EN 60950-1 )
3 kV AC (type test)
1.5 kV AC (routine test)
Production test
2.5 kV DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com