Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106963 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 15Page - PHOENIX CONTACT 106963 Datasheet HTML 16Page - PHOENIX CONTACT 106963 Datasheet HTML 17Page - PHOENIX CONTACT 106963 Datasheet HTML 18Page - PHOENIX CONTACT 106963 Datasheet HTML 19Page - PHOENIX CONTACT 106963 Datasheet HTML 20Page - PHOENIX CONTACT 106963 Datasheet HTML 21Page - PHOENIX CONTACT 106963 Datasheet HTML 22Page - PHOENIX CONTACT 106963 Datasheet HTML 23Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT 19 / 25
14.4
Meaning of NEC - Class 2 (National Electrical
Code - Class 2)
The approval of the power supply as a “Class 2 Output” in
accordance with American standard ANSI/UL 1310 ensures
that the power supply only provides limited power even in
the event of an error. This increases safety to such an extent
that the simulated circuits are also deemed very safe in
terms of fire protection. This can result in reduced
installation work.
The output of the power supply is configured in accordance
with ANSI/UL 1310 (Class 2 power supplies) and approved
as such with limited power. This ensures that the limit values
described in UL 1310 are not exceeded.
The power supply is able to supply up to 1.5 x I
N for 1 s at
maximum load. If less dynamic power is required, this can
also be supplied for more than 1 s.
15
Signaling
15.1
DC OK-LED
The DC OK-LED is available for function monitoring. The
LED is continuously illuminated when the output voltage is
> 90 % of the nominal output voltage U
OUT (12 V DC).
Figure 17
Location of the elements
15.2
Floating signal contact
A floating diagnostics contact can be used to forward data to
a higher-level control system. When opened, the
diagnostics contact indicates an underrange of more than
90% for the nominal output voltage U
OUT.
Figure 18
Wiring principle
24-28V
DC OK
13
14
12-18V
12 18
-V
DC OK
13
14
PLC
Digital Input
DI x
max. 30 V AC/DC
100 mA
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com